Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320ADC3001IYZHR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320ADC3001IYZHR
Description  Low-Power Stereo ADC With Embedded miniDSP
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320ADC3001IYZHR Datasheet(HTML) 1 Page - Texas Instruments

  TLV320ADC3001IYZHR Datasheet HTML 1Page - Texas Instruments TLV320ADC3001IYZHR Datasheet HTML 2Page - Texas Instruments TLV320ADC3001IYZHR Datasheet HTML 3Page - Texas Instruments TLV320ADC3001IYZHR Datasheet HTML 4Page - Texas Instruments TLV320ADC3001IYZHR Datasheet HTML 5Page - Texas Instruments TLV320ADC3001IYZHR Datasheet HTML 6Page - Texas Instruments TLV320ADC3001IYZHR Datasheet HTML 7Page - Texas Instruments TLV320ADC3001IYZHR Datasheet HTML 8Page - Texas Instruments TLV320ADC3001IYZHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
I
2S, LJ, RJ, DSP, TDM
Processor
TLV320ADC3001
ADC
miniDSP
ADC
I
2C
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV320ADC3001
SLAS548D – OCTOBER 2008 – REVISED SEPTEMBER 2015
TLV320ADC3001 Low-Power Stereo ADC With Embedded miniDSP
for Wireless Handsets and Portable Audio
1
1 Features
Stereo Audio ADC
2.24-mm × 2.16-mm NanoFree™ 16-Ball 16-YZH
Wafer Chip Scale Package (WCSP)
92-dBA Signal-to-Noise Ratio
Supports ADC Sample Rates From 8 kHz to
2 Applications
96 kHz
Wireless Handsets
Instruction-Programmable Embedded miniDSP
Portable Low-Power Audio Systems
Flexible Digital Filtering With RAM Programmable
Noise Cancellation Systems
Coefficient, Instructions, and Built-In Standard
Modes
Front-End Voice or Audio Processor for Digital
Audio
Low-Latency IIR Filters for Voice
Linear Phase FIR Filters for Audio
3 Description
Additional Programmable IIR Filters for EQ,
The TLV320ADC3001 device is a low-power, stereo
Noise Cancellation, or Reduction
audio analog-to-digital converter (ADC) supporting
Up to 128 Programmable ADC Digital Filter
sampling rates from 8 kHz to 96 kHz with an
Coefficients
integrated programmable-gain amplifier providing up
to 40-dB analog gain or AGC. A programmable
Three Audio Inputs With Configurable Automatic
miniDSP is provided for custom audio processing.
Gain Control (AGC)
Front-end input coarse attenuation of 0 dB, –6 dB, or
Programmable in Single-Ended or Fully
off, is also provided. The inputs are programmable in
Differential Configurations
a combination of single-ended or fully differential
Can Be Driven Hi-Z for Easy Interoperability
configurations.
Extensive
register-based
power
With Other Audio ICs
control is available via I2C, enabling mono or stereo
recording.
Low
power
consumption
makes
the
Low Power Consumption and Extensive Modular
TLV320ADC3001 ideal for battery-powered portable
Power Control:
equipment.
6-mW Mono Record 8-kHz
Device Information(1)
11-mW Stereo Record, 8-kHz
PART NUMBER
PACKAGE
BODY SIZE (NOM)
10-mW Mono Record, 48-kHz
TLV320ADC3001
DSBGA (16)
2.24 mm × 2.16 mm
17-mW Stereo Record, 48-kHz
(1) For all available packages, see the orderable addendum at
Programmable Microphone Bias
the end of the data sheet.
Programmable PLL for Clock Generation
I2C Control Bus
Functional Block Diagram
Audio Serial Data Bus Supports I2S, Left/Right-
Justified, DSP, PCM, and TDM Modes
Power Supplies:
Analog: 2.6 V–3.6 V.
Digital: Core: 1.65 V–1.95 V,
I/O: 1.1 V–3.6 V
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV320ADC3001IYZHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3001IYZHR TI1-TLV320ADC3001IYZHR Datasheet
976Kb / 81P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
More results

Similar Description - TLV320ADC3001IYZHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320ADC3001 TI1-TLV320ADC3001 Datasheet
976Kb / 81P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com