Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3262IYZFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3262IYZFR
Description  Ultralow Power Stereo Audio Codec
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262IYZFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC3262IYZFR Datasheet HTML 6Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 7Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 8Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 9Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 10Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 11Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 12Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 13Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
TLV320AIC3262
SLAS679A – DECEMBER 2011 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
BALL NO.
NAME
Primary:
Audio Serial Data Bus 1 Data Input
Secondary:
J1
DIN1
I
Audio Serial Data Bus 1 Data Input (L1/R1)
General Clock Input
Digital Microphone Data Input
Primary:
Audio Serial Data Bus 1 Word Clock
J2
WCLK1
I/O
Secondary:
Low-Frequency Clock Input
General CLKOUT Output
J3
DVDD
P
1.8-V Digital Power Supply
J4
IOVSS
P
Digital I/O Buffer Ground
Multifunction Digital Input 1
Primary: (SPI_SELECT = 1)
SPI Serial Clock
Secondary: (SPI_SELECT = 0)
Digital Microphone Data Input
Audio Serial Data Bus 1 Data Input (L2/R2 or L3/R3 or L4/R4)
J5
GPI1
I
General Clock Input
Low-Frequency Clock Input
General Purpose Input
ADC Word Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
ADC Bit Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
Primary:
Audio Serial Data Bus 2 Data Output
Secondary:
General Purpose Output
J6
DOUT2
O
ADC MOD Clock Output
SAR ADC Interrupt
INT1 Output
INT2 Output
Audio Serial Data Bus 1 Data Output (L2/R2)
Primary:
Audio Serial Data Bus 3 Data Output
Secondary:
J7
DOUT3
O
General Purpose Output
Audio Serial Data Bus 1 Data Output (L2/R2 or L3/R3)
Audio Serial Data Bus 1 Word Clock Output
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3262


Similar Part No. - TLV320AIC3262IYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3262IYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com