Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVAIC3104IRHBRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLVAIC3104IRHBRG4
Description  Low-Power Stereo Audio Codec
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLVAIC3104IRHBRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLVAIC3104IRHBRG4 Datasheet HTML 4Page - Texas Instruments TLVAIC3104IRHBRG4 Datasheet HTML 5Page - Texas Instruments TLVAIC3104IRHBRG4 Datasheet HTML 6Page - Texas Instruments TLVAIC3104IRHBRG4 Datasheet HTML 7Page - Texas Instruments TLVAIC3104IRHBRG4 Datasheet HTML 8Page - Texas Instruments TLVAIC3104IRHBRG4 Datasheet HTML 9Page - Texas Instruments TLVAIC3104IRHBRG4 Datasheet HTML 10Page - Texas Instruments TLVAIC3104IRHBRG4 Datasheet HTML 11Page - Texas Instruments TLVAIC3104IRHBRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
TLV320AIC3104
SLAS510D – FEBRUARY 2007 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
At 25°C, AVDD = DRVDD = IOVDD = 3.3 V, DVDD = 1.8 V, fS = 48 kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Filter group delay
17/fS
s
MICROPHONE BIAS
Programmable setting = 2 V
2
Programmable setting = 2.5 V
2.3
2.455
2.7
Bias voltage
V
DRVDD –
Programmable setting = DRVDD
0.24
Current sourcing
Programmable setting = 2.5 V
4
mA
AUDIO DAC – DIFFERENTIAL LINE OUTPUT, RLOAD = 10 kΩ
1.414
VRMS
0-dB input full-scale signal, output common-mode
Full-scale output voltage
setting = 1.35 V, output volume control = 0 dB
4
VPP
A-weighted, fS = 48 kHz, output volume control =
Signal-to-noise ratio(3)
0 dB, no input signal, referenced to full-scale input
90
102
dB
level
A-weighted, fS = 48 kHz, –60-dB input full-scale
Dynamic range
signal, output volume control = 0 dB, output
97
dB
common-mode setting = 1.35 V
fS = 48 kHz; 0-dB, 1-kHz input full-scale signal;
Total harmonic distortion
output volume control = 0 dB; output common-
–95
–75
dB
mode setting = 1.35 V
217-Hz signal applied to DRVDD, AVDD
78
PSRR
Power-supply rejection ratio
dB
1-kHz signal applied to DRVDD, AVDD
80
0-dB full-scale input signal between left and right
DAC channel separation
86
dB
lineout
DAC inter-channel gain
1-kHz input, 0-dB gain
0.1
dB
mismatch
0-dB, 1-kHz input full-scale signal; output volume
DAC gain error
control = 0 dB; output common-mode setting =
–0.2
dB
1.35 V; fS = 48 kHz
AUDIO DAC – SINGLE-ENDED LINE OUTPUT, RLOAD = 10 kΩ
0-dB input full-scale signal, output common-mode
Full-scale output voltage
0.707
VRMS
setting = 1.35 V, output volume control = 0 dB
A-weighted, fS = 48 kHz, output volume control =
0 dB, no input signal, referenced to full-scale input
96
level
SNR
Signal-to-noise ratio
dB
A-weighted, fS = 48 kHz, output volume control =
0 dB, no input signal, referenced to full-scale input
97
level, 50% DAC current-boost mode
A-weighted, fS = 48 kHz, –60-dB input full-scale
Dynamic range
signal, output volume control = 0 dB, output
91
dB
common-mode setting = 1.35 V
fS = 48 kHz, 0-dB input full-scale signal, output
THD
Total harmonic distortion
volume control = 0 dB, output common-mode
–71
–65
dB
setting = 1.35 V
217-Hz signal applied to DRVDD, AVDD
43
PSRR
Power-supply rejection ratio
dB
1-kHz signal applied to DRVDD, AVDD
41
DAC channel separation
Right headphone out
89
dB
0-dB, 1-kHz input full-scale signal; output volume
DAC gain error
control = 0 dB; output common-mode setting =
–0.85
dB
1.35 V; fS = 48 kHz
AUDIO DAC – SINGLE-ENDED HEADPHONE OUTPUT, RLOAD = 16 Ω
0-dB input full-scale signal, output common-mode
Full-scale output voltage
0.707
VRMS
setting = 1.35 V, output volume control = 0 dB
(3)
Unless otherwise noted, all measurements use output common-mode voltage setting of 1.35 V, 0-dB output level control gain, 16-
single-ended load.
8
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3104


Similar Part No. - TLVAIC3104IRHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVAIC3104IRHBRG4 TI-TLVAIC3104IRHBRG4 Datasheet
1Mb / 93P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLVAIC3104IRHBRG4 TI-TLVAIC3104IRHBRG4 Datasheet
1Mb / 93P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLVAIC3104IRHBRG4 TI1-TLVAIC3104IRHBRG4 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLVAIC3104IRHBRG4 TI1-TLVAIC3104IRHBRG4 Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
More results

Similar Description - TLVAIC3104IRHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
PCM3793 TI1-PCM3793_16 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com