Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23818-C18-L46 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # V23818-C18-L46
Description  Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC??Connector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-C18-L46 Datasheet(HTML) 2 Page - Infineon Technologies AG

  V23818-C18-L46 Datasheet HTML 1Page - Infineon Technologies AG V23818-C18-L46 Datasheet HTML 2Page - Infineon Technologies AG V23818-C18-L46 Datasheet HTML 3Page - Infineon Technologies AG V23818-C18-L46 Datasheet HTML 4Page - Infineon Technologies AG V23818-C18-L46 Datasheet HTML 5Page - Infineon Technologies AG V23818-C18-L46 Datasheet HTML 6Page - Infineon Technologies AG V23818-C18-L46 Datasheet HTML 7Page - Infineon Technologies AG V23818-C18-L46 Datasheet HTML 8Page - Infineon Technologies AG V23818-C18-L46 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
V23818-C18-Lxx/L4xx
Ordering Information
Data Sheet
2
2003-06-06
Ordering Information
Part Number
Range
1)
Signal
Detect
Temperature Data Outputs
if SD is Low
Collar In-
put
Out-
put
Stock Products
V23818-C18-L47
IR
LVTTL
0°C...70°C
Switched to Low yes
AC
AC
V23818-C18-L46
–40°C...85°C
Products on Request
V23818-C18-L37
IR
LVPECL
0°C...70°C
Switched to Low yes
DC
DC
V23818-C18-L36
–40°C...85°C
V23818-C18-L45
IR
LVTTL
0°C...70°C
Switched to Low no
AC
AC
V23818-C18-L49
–40°C...85°C
V23818-C18-L35
IR
LVPECL
0°C...70°C
Switched to Low no
DC
DC
V23818-C18-L39
–40°C...85°C
V23818-C18-L436 IR
LVPECL
–40°C...85°C
Active
yes
DC
DC
1)
IR (Intermediate Reach): up to 15 km (ITU-T G.957), up to 21 km (Telcordia GR-253).


Similar Part No. - V23818-C18-L46

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
More results

Similar Description - V23818-C18-L46

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L17 INFINEON-V23818-N15-L17 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-H308-L57 INFINEON-V23818-H308-L57 Datasheet
365Kb / 14P
   Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC??Connector
2002-03-21
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com