Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5V0M4B2LP37 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D5V0M4B2LP37
Description  CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0M4B2LP37 Datasheet(HTML) 3 Page - Diodes Incorporated

  D5V0M4B2LP37 Datasheet HTML 1Page - Diodes Incorporated D5V0M4B2LP37 Datasheet HTML 2Page - Diodes Incorporated D5V0M4B2LP37 Datasheet HTML 3Page - Diodes Incorporated D5V0M4B2LP37 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D5V0L2B3SO
Document number: DS35430 Rev. 5 - 2
3 of 4
www.diodes.com
January 2012
© Diodes Incorporated
D5V0L2B3SO
10
11
12
13
14
15
16
17
18
01
2
3
4
5
6
V , REVERSE VOLTAGE (V)
Fig. 3 Typical Total Capacitance vs. Reverse Voltage
R
f = 1MHz
0.1
1
10
100
0
1234
5
6
Fig. 4 Typical Reverse Characteristics
V , REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
Package Outline Dimensions
Suggested Pad Layout
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
A
M
J
L
D
F
B C
H
K
G
K1
X
E
Y
C
Z


Similar Part No. - D5V0M4B2LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0M4B2LP37 DIODES-D5V0M4B2LP37 Datasheet
96Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0M4B2LP37 DIODES-D5V0M4B2LP37 Datasheet
103Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0M4B2LP37 DIODES-D5V0M4B2LP37 Datasheet
102Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0M4B2LP37 DIODES-D5V0M4B2LP37 Datasheet
184Kb / 4P
   55V BIDIRECTIONAL TVS DIODE
D5V0M4B2LP37 DIODES-D5V0M4B2LP37 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
More results

Similar Description - D5V0M4B2LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L2B3T DIODES-D5V0L2B3T Datasheet
96Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5SO DIODES-D5V0L4B5SO Datasheet
102Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L2B3W DIODES-D5V0L2B3W Datasheet
95Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5SOQ DIODES-D5V0L4B5SOQ Datasheet
327Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
June 2022 Rev. 1 - 2
D5V0L4B5V-7 DIODES-D5V0L4B5V-7 Datasheet
142Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5TS-7 DIODES-D5V0L4B5TS-7 Datasheet
111Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L2B3SO-7 DIODES-D5V0L2B3SO-7 Datasheet
106Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5S DIODES-D5V0L4B5S Datasheet
103Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
logo
SHIKUES Electronics
GBLCXXCI SKTECHNOLGY-GBLCXXCI Datasheet
1Mb / 2P
   Bi-directional Ultra Low Capacitance TVS Array
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com