Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5V0M1U2S9 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D5V0M1U2S9
Description  SURFACE MOUNT UNIDIRECTIONAL TVS DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0M1U2S9 Datasheet(HTML) 1 Page - Diodes Incorporated

  D5V0M1U2S9 Datasheet HTML 1Page - Diodes Incorporated D5V0M1U2S9 Datasheet HTML 2Page - Diodes Incorporated D5V0M1U2S9 Datasheet HTML 3Page - Diodes Incorporated D5V0M1U2S9 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D5V0M1U2S9
Document number: DS37216 Rev. 1 - 2
1 of 4
www.diodes.com
March 2015
© Diodes Incorporated
D5V0M1U2S9
SURFACE MOUNT UNIDIRECTIONAL TVS DIODE
Product Summary
VBR min
Ipp max
Cin typ
6.2V
9A
54pF
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD. The combination of small size and high
ESD surge capability makes it ideal for use in portable applications
such as cellular phones, digital cameras, and MP3 players.
Applications
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
1 Channel of ESD Protection
Low Channel Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOD923
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
D5V0M1U2S9-7
Standard
TH
7
8
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
108
W
8/20µs, per Figure 3
Peak Pulse Current
IPP
9.0
A
8/20µs, per Figure 3
ESD Protection – Contact Discharge
VESD_Contact
±30
kV
IEC 61000-4-2 Standard
ESD Protection – Air Discharge
VESD_Air
±30
kV
IEC 61000-4-2 Standard
Device Schematic
Top View
SOD923
TH = Product Type Marking Code
Line Denotes Pin 1 or Cathode side
TH
Pin 2
Pin 1
SOD923


Similar Part No. - D5V0M1U2S9

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0M1U2S9Q DIODES-D5V0M1U2S9Q Datasheet
211Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL TVS DIODE
D5V0M1U2S9Q-7 DIODES-D5V0M1U2S9Q-7 Datasheet
211Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL TVS DIODE
More results

Similar Description - D5V0M1U2S9

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D7V0M1U2S9 DIODES-D7V0M1U2S9 Datasheet
331Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL TVS DIODE
September 2015 Rev. 1 - 2
D5V0M1U2S9Q DIODES-D5V0M1U2S9Q Datasheet
211Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL TVS DIODE
DESD5V2S2UT DIODES-DESD5V2S2UT Datasheet
102Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
T12S5-7 DIODES-T12S5-7 Datasheet
153Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
T3V3S5-7 DIODES-T3V3S5-7 Datasheet
153Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
   UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
   UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com