Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23818-C18-L36 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # V23818-C18-L36
Description  Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC??Connector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-C18-L36 Datasheet(HTML) 5 Page - Infineon Technologies AG

  V23818-C18-L36 Datasheet HTML 1Page - Infineon Technologies AG V23818-C18-L36 Datasheet HTML 2Page - Infineon Technologies AG V23818-C18-L36 Datasheet HTML 3Page - Infineon Technologies AG V23818-C18-L36 Datasheet HTML 4Page - Infineon Technologies AG V23818-C18-L36 Datasheet HTML 5Page - Infineon Technologies AG V23818-C18-L36 Datasheet HTML 6Page - Infineon Technologies AG V23818-C18-L36 Datasheet HTML 7Page - Infineon Technologies AG V23818-C18-L36 Datasheet HTML 8Page - Infineon Technologies AG V23818-C18-L36 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
V23818-C18-Lxx/L4xx
Description
Data Sheet
5
2003-06-06
Description
This data sheet describes the Infineon single mode ATM transceiver, which complies
with the ATM Forum’s Network Compatible ATM for Local Network Applications
document and ANSI’s Broadband ISDN - Customer Installation Interfaces, Physical
Media Dependent Specification, T1E1.2, compliant to SONET OC-3, IR-1 (Telcordia
GR-253-CORE) and SDH STM-1/S-1.1 (ITU-T G.957).
This transceiver is also suitable for multirate applications. The performance at lower
datarates may vary from application to application and is link dependent. Refer to
Infineon Application Note 97 for more information.
ATM was developed to facilitate solutions in multimedia applications and real time
transmission. The data rate is scalable, and the ATM protocol is the basis of the
broadband public networks being standardized in the International Telecommunications
Union (ITU), the former International Telegraph and Telephone Consultative Committee
(CCITT). ATM can also be used in local private applications.
The Infineon single mode ATM transceiver is a single unit comprised of a transmitter, a
receiver, and an LC receptacle. This design frees the customer from many alignment
and PC board layout concerns. The module is designed for low cost LAN and WAN
applications. It can be used as the network end device interface in workstations, servers,
and storage devices, and in a broad range of network devices such as bridges, routers,
and intelligent hubs, as well as local and wide area ATM switches.
This transceiver operates at up to 155.520 Mbit/s from a single power supply (+3.3 V).
The full differential data inputs and outputs are LVPECL compatible.


Similar Part No. - V23818-C18-L36

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
More results

Similar Description - V23818-C18-L36

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L17 INFINEON-V23818-N15-L17 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-H308-L57 INFINEON-V23818-H308-L57 Datasheet
365Kb / 14P
   Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC??Connector
2002-03-21
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com