Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T521V476M016A(1)E070 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T521V476M016A(1)E070
Description  High Voltage Polymer Electrolytic
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521V476M016A(1)E070 Datasheet(HTML) 1 Page - Kemet Corporation

  T521V476M016A(1)E070 Datasheet HTML 1Page - Kemet Corporation T521V476M016A(1)E070 Datasheet HTML 2Page - Kemet Corporation T521V476M016A(1)E070 Datasheet HTML 3Page - Kemet Corporation T521V476M016A(1)E070 Datasheet HTML 4Page - Kemet Corporation T521V476M016A(1)E070 Datasheet HTML 5Page - Kemet Corporation T521V476M016A(1)E070 Datasheet HTML 6Page - Kemet Corporation T521V476M016A(1)E070 Datasheet HTML 7Page - Kemet Corporation T521V476M016A(1)E070 Datasheet HTML 8Page - Kemet Corporation T521V476M016A(1)E070 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2016_T521 • 12/11/2015
1
One world. One KEMET
Benefits
• Low ESR
• Volumetricallyefficient
• Stable temperature characteristics
• High ripple current capability
• High reliability
• 100% surge current tested
• Lowprofiledesign
• Halogen-Free Epoxy/RoHS Compliant
Overview
The KEMET Organic Capacitor (KO-CAP) is a solid electrolytic
capacitor with a conductive polymer cathode capable of
delivering very low ESR and improved capacitance retention at
high frequencies. KO-CAP combines the low ESR of multilayer
ceramic, the high capacitance of aluminum electrolytic and the
volumetricefficiencyoftantalumintoasinglesurfacemount
package. Unlike liquid electrolyte-based capacitors, KO-CAP has
a very long operational life and high ripple current capabilities.
The T521 High Voltage Polymer Electrolytic is designed for higher
application voltages than the T520 KO-CAP. Developed for use on
12, 24, 28 and 48 volt DC voltage rails. The low ESR of the T521
provides high ripple current capability. KO-CAP's long-life reliability
enables the T521 to be an ideal alternative to liquid-based
electrolytic capacitors.
KEMET Organic Capacitor (KO-CAP®) – Industrial
T521 High Voltage Polymer Electrolytic, 12.5 – 75 VDC
Applications
Typical applications include DC/DC converters, power supply input and higher voltage applications such as 12 V to 50 V power input
rails in the military/aerospace and industrial markets.
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn or Ni-Pd-Au
SPICE
Foradetailedanalysisofspecificpartnumbers,pleasevisitwww.kemet.comforafreedownloadofKEMET'sSPICEsoftware.
The KEMET SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over
frequency, temperature, ripple, and DC bias conditions.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T521V476M016A(1)E070

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521V476M016ATE040 KEMET-T521V476M016ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 2mm
T521V476M016ATE055 KEMET-T521V476M016ATE055 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 55mOhms, Height Max = 2mm
T521V476M016ATE070 KEMET-T521V476M016ATE070 Datasheet
69Kb / 1P
   T521, Tantalum, Polymer Tantalum, 47 uF, 20%, 16 V, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 70 mOhms, 7343, Height Max = 2mm
More results

Similar Description - T521V476M016A(1)E070

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543D156K035AHE100 KEMET-T543D156K035AHE100 Datasheet
2Mb / 26P
   COTS Polymer Electrolytic
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com