Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23838-S5-N1 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # V23838-S5-N1
Description  SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23838-S5-N1 Datasheet(HTML) 5 Page - Infineon Technologies AG

  V23838-S5-N1 Datasheet HTML 1Page - Infineon Technologies AG V23838-S5-N1 Datasheet HTML 2Page - Infineon Technologies AG V23838-S5-N1 Datasheet HTML 3Page - Infineon Technologies AG V23838-S5-N1 Datasheet HTML 4Page - Infineon Technologies AG V23838-S5-N1 Datasheet HTML 5Page - Infineon Technologies AG V23838-S5-N1 Datasheet HTML 6Page - Infineon Technologies AG V23838-S5-N1 Datasheet HTML 7Page - Infineon Technologies AG V23838-S5-N1 Datasheet HTML 8Page - Infineon Technologies AG V23838-S5-N1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
V23818-K305-B57
Description
Data Sheet
5
2003-04-25
The Infineon SFP multimode transceiver is a single unit comprised of a transmitter, a
receiver, and an LC™ receptacle.
This transceiver supports the LC™ connectorization concept. It is compatible with RJ-45
style backpanels for high end datacom and telecom applications while providing the
advantages of fiber optic technology.
The module is designed for low cost SAN, LAN, WAN, Fibre Channel and Gigabit
Ethernet applications. It can be used as the network end device interface in mainframes,
workstations, servers, and storage devices, and in a broad range of network devices
such as bridges, routers, hubs, and local and wide area switches.
This transceiver operates at 1.0625 Gbit/s / 1.25 Gbit/s from a single power supply
(+3.3 V). The full differential data inputs and outputs are LVPECL compatible.
Functional Description of SFP Transceiver
This transceiver is designed to transmit serial data via multimode cable.
Figure 2
Functional Diagram
Laser
Driver
Power
Control
Receiver
o/e
o/e
Laser
e/o
Rx Coupling Unit
Tx Coupling Unit
TD
TD+
TxDis
Tx Fault
RD
RD+
LOS
Multimode Fiber
LEN
Monitor
Automatic
Shut-Down
EPROM
MOD-DEF
File: 1355


Similar Part No. - V23838-S5-N1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23838-S5-N1 INFINEON-V23838-S5-N1 Datasheet
719Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
2003-08-07
logo
Frontier Electronics.
V23838-S5-N1 FRONTIER-V23838-S5-N1 Datasheet
717Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
logo
Infineon Technologies A...
V23838-S5-N1-BB INFINEON-V23838-S5-N1-BB Datasheet
719Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
2003-08-07
logo
Frontier Electronics.
V23838-S5-N1-BB FRONTIER-V23838-S5-N1-BB Datasheet
717Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
More results

Similar Description - V23838-S5-N1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
   iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com