Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23818-K305-L57 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # V23818-K305-L57
Description  Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-K305-L57 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button V23818-K305-L57 Datasheet HTML 7Page - Infineon Technologies AG V23818-K305-L57 Datasheet HTML 8Page - Infineon Technologies AG V23818-K305-L57 Datasheet HTML 9Page - Infineon Technologies AG V23818-K305-L57 Datasheet HTML 10Page - Infineon Technologies AG V23818-K305-L57 Datasheet HTML 11Page - Infineon Technologies AG V23818-K305-L57 Datasheet HTML 12Page - Infineon Technologies AG V23818-K305-L57 Datasheet HTML 13Page - Infineon Technologies AG V23818-K305-L57 Datasheet HTML 14Page - Infineon Technologies AG V23818-K305-L57 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
V23818-K305-Lxx
Application Notes
Data Sheet
11
2003-01-22
Application Notes
Small Form Factor Pinning Comparison
The drawing below gives you a comparison between the different pinnings 2x5, 2x6,
2x10. Dimension for diameter and distance of additional pins is similar to the existing
dimensions of the other pins.
Figure 5
Pin Description
RS pin - The RS (Rate Select) is not connected.
LF pin - The LF pin (Laser Fault) is an LVTTL output of the Laser Driver Supervisor
Circuit. A Logic 1 level can be measured in case of a laser fault. It will not show
a fault if the laser is being disabled using the TxDis input, since this is not a fault
condition.
EMI-Recommendations
To avoid electromagnetic radiation exceeding the required limits please take note of the
following recommendations.
When Gigabit switching components are found on a PCB (multiplexers, clock recoveries
etc.) any opening of the chassis may produce radiation also at chassis slots other than
that of the device itself. Thus every mechanical opening or aperture should be as small
as possible.
On the board itself every data connection should be an impedance matched line (e.g.
strip line, coplanar strip line). Data, Datanot should be routed symmetrically, vias should
be avoided. A terminating resistor of 100
W should be placed at the end of each matched
Top view
Rx
Tx
VCCPIN 1
RxVEE 2
RxVEE 3
RxCLK
− 4
RxCLK+ 5
RxVEE 6
RxVCC 7
SD 8
RxD
− 9
RxD+ 10
RS 1
RxVEE 2
RxVCC 3
SD 4
RxD
− 5
RxD+ 6
RxVEE 1
RxVCC 2
SD 3
RxD
− 4
RxD+ 5
20 PMON+
19 PMON
18 BIASMON+
17 BIASMON
16 TxVEE
15 TxD
14 TxD+
13 TxDis
12 TxVEE
11 TxVCC
12 Laser Fault
11 TxD
10 TxD+
9 TxDis
8 TxVEE
7 TxVCC
10 TxD
9 TxD+
8 TxDis
7 TxVEE
6 TxVCC
2 x 5
2 x 6
2 x 10
File: 1506


Similar Part No. - V23818-K305-L57

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
More results

Similar Description - V23818-K305-L57

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Infineon Technologies A...
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
   iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com