Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T543A476M2R5AHS090 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T543A476M2R5AHS090
Description  COTS Polymer Electrolytic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T543A476M2R5AHS090 Datasheet(HTML) 3 Page - Kemet Corporation

  T543A476M2R5AHS090 Datasheet HTML 1Page - Kemet Corporation T543A476M2R5AHS090 Datasheet HTML 2Page - Kemet Corporation T543A476M2R5AHS090 Datasheet HTML 3Page - Kemet Corporation T543A476M2R5AHS090 Datasheet HTML 4Page - Kemet Corporation T543A476M2R5AHS090 Datasheet HTML 5Page - Kemet Corporation T543A476M2R5AHS090 Datasheet HTML 6Page - Kemet Corporation T543A476M2R5AHS090 Datasheet HTML 7Page - Kemet Corporation T543A476M2R5AHS090 Datasheet HTML 8Page - Kemet Corporation T543A476M2R5AHS090 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2061_T543 • 12/11/2015
33
KEMET Organic Capacitor (KO-CAP®) – High Reliability
T543 COTS Polymer Electrolytic, 2.5 – 63 VDC
Qualification
Test
Condition
Characteristics
Endurance
105°C at rated voltage, 2,000 hours
ΔC/C
Within -20/+10 of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within 2.0 x initial limit
Storage Life
105°C at 0 volts, 2,000 hours
ΔC/C
Within -20/+10 of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within 2.0 x initial limit
Humidity
60°C, 90% RH, 500 hours
ΔC/C
Within -5%/+35% of initial value
DF
Within initial limits
DCL
Within 5.0 x initial limit
ESR
Within 2.0 x initial limit
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25ºC,
-55ºC, +25ºC, +85ºC, +105ºC, +25º C
+25°C
-55°C
+85°C
+105°C
ΔC/C
IL*
+/-20%
+/-20%
+/-30%
DF
IL
IL
1.2 x IL
1.5 x IL
DCL
IL
N/A
10 x IL
10 x IL
Surge Voltage
105°C, 1.32 x rated voltage, 1,000 cycles
ΔC/C
Within -20/+10 of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/Vibration
MIL–STD–202, Method 213, Condition I, 100 G peak
MIL–STD–202, Method 204, Condition D, 10 Hz to 2,000
Hz, 20 G peak
ΔC/C
Within ±10 of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial limit


Similar Part No. - T543A476M2R5AHS090

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543A226K010ATE080 KEMET-T543A226K010ATE080 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 22 uF, 10%, 10 V, 3216, SMD, Polymer, Molded, COTS, Up Screening, N/A, 80mOhms, Height Max = 1.8mm
More results

Similar Description - T543A476M2R5AHS090

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Kemet Corporation
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
AVX Corporation
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Kemet Corporation
T543B106M025ATE100 KEMET-T543B106M025ATE100 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 100v
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
Kemet Corporation
T540D475M063AH6510 KEMET-T540D475M063AH6510 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, COTS, N/A, 120 mOhms, Height Max = 3.1mm
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com