Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DESD1P0RFWQ-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DESD1P0RFWQ-7
Description  LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DESD1P0RFWQ-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DESD1P0RFWQ-7 Datasheet HTML 1Page - Diodes Incorporated DESD1P0RFWQ-7 Datasheet HTML 2Page - Diodes Incorporated DESD1P0RFWQ-7 Datasheet HTML 3Page - Diodes Incorporated DESD1P0RFWQ-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DESD1P0RFW
Document number: DS35278 Rev. 5 - 2
2 of 4
www.diodes.com
September 2011
© Diodes Incorporated
DESD1P0RFW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current
IPP
15
A
8/20
μs (Notes 4 & 5)
ESD Protection – Contact Discharge
VESD_Contact
±30
kV
Standard IEC 61000-4-2(Note 5)
ESD Protection – Air Discharge
VESD_Air
±30
kV
Standard IEC 61000-4-2(Note 5)
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic (Note 4)
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
-
-
70
V
-
Reverse Current
IRM
-
-
100
nA
VRM = 70V
Forward Clamping Voltage (Note 5)
VFC
-
2
6
V
IPP = 3A; per IEC 61000-4-5 (Note 7)
-
4
8
IPP = 10A; per IEC 61000-4-5 (Note 7)
Capacitance
CT
-
1
1.5
pF
VR = 0V, f = 1MHz (Note 8)
Notes:
4. Diodes Short duration pulse test used to minimize self-heating effect.
5. Anti-parallel or rail-to-rail connection
6. Device mounted on FR-4 PCB with minimum recommended pad layout.
7. Clamping voltage value is based on an 8x20
μs peak pulse current (I
pp) waveform.
8. Total capacitance line to ground (2 diodes in parallel)
0
50
100
150
200
250
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve, Total Package
A
°
0
120
160
200
40
80
0.1
1
10
100
1,000
0
0.2
0.4
0.6
0.8
1.0
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F


Similar Part No. - DESD1P0RFWQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
DESD1P0RFWA-7 DIODES-DESD1P0RFWA-7 Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
More results

Similar Description - DESD1P0RFWQ-7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
   Low Capacitance ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
Littelfuse
SC7538-08UTG LITTELFUSE-SC7538-08UTG Datasheet
651Kb / 6P
   0.3pF Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
AQ7538-08UTG LITTELFUSE-AQ7538-08UTG Datasheet
614Kb / 5P
   0.3pF Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
   Low Capacitance ESD protection array
2009-08-20
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com