Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23818-K305-L15 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # V23818-K305-L15
Description  Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-K305-L15 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button V23818-K305-L15 Datasheet HTML 5Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 6Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 7Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 8Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 9Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 10Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 11Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 12Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
V23818-K305-Lxx
Technical Data
Data Sheet
9
2003-01-22
Receiver Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Sensitivity (Average Power)
1)
P
IN
–20
–17
dBm
Saturation (Average Power)
P
SAT
0
Min. Optical Modulation
Amplitude
2)
OMA
19
31
µW
Stressed Receiver Sensitivity
50 µm Fiber
S
PIN
24
55
µW
3)
–17
–13.5
dBm
4)
Stressed Receiver Sensitivity
62.5 µm Fiber
S
PIN
32
67
µW
3)
–16
–12.5
dBm
4)
Signal Detect Assert Level
5)
P
SDA
–24
–18
dBm
Signal Detect Deassert Level
6)
P
SDD
–30
–27
dBm
Signal Detect Hysteresis
P
SDA
P
SDD
3dB
Signal Detect Assert Time
t
ASS
100
µs
Signal Detect Deassert Time
t
DAS
350
µs
Receiver 3 dB Cut-off
Frequency
2)
1.25
1.5
GHz
Receiver 10 dB Cut-off
Frequency
2)
1.5
3
GHz
Differential Data Output Voltage
Swing AC/AC
7)
V
ODpk-pk
500
700
1230
mV
Return Loss of Receiver
ORL
12
dB
Output Data Rise/Fall Time
t
R, tF
260
ps
Supply Current
8)
I
CCRx
75
90
mA
1)
Average optical power at which the BER is 1x10
–12. Measured with a 27–1 NRZ PRBS and ER = 9 dB.
2)
Fibre Channel PI Standard.
3)
Measured at the given Stressed Receiver Eyeclosure Penalty and DCD component given in Fibre Channel PI
Standard (2.03/2.18 dB & 40/80 ps).
4)
Measured according to IEEE 802.3
5)
An increase in optical power above the specified level will cause the Signal Detect output to switch from a low
state to a high state.
6)
A decrease in optical power below the specified level will cause the Signal Detect to change from a high state
to a low state.
7)
AC/AC for data. Load 50
W to GND or 100 W differential. For dynamic measurement a tolerance of 50 mV
should be added.
8)
Supply current excluding Rx output load.


Similar Part No. - V23818-K305-L15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
More results

Similar Description - V23818-K305-L15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Infineon Technologies A...
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
   iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com