Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23818-K305-L15 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # V23818-K305-L15
Description  Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-K305-L15 Datasheet(HTML) 1 Page - Infineon Technologies AG

  V23818-K305-L15 Datasheet HTML 1Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 2Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 3Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 4Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 5Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 6Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 7Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 8Page - Infineon Technologies AG V23818-K305-L15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
1
2003-01-22
Small Form Factor
Multimode 850 nm 1.0625 GBd Fibre Channel
1.25 Gigabit Ethernet Transceiver
2x5 Pinning with LC™ Connector
V23818-K305-Lxx
Part Number
Voltage
Signal Detect Collar
Input
Output
V23818-K305-L17
3.3 V
LVTTL
yes
DC
DC
V23818-K305-L57
AC
AC
V23818-K305-L15
3.3 V
LVTTL
no
DC
DC
V23818-K305-L55
AC
AC
Fiber Optics
LC™ is a trademark of Lucent
Features
• Small Form Factor transceiver
• Complies with Fibre Channel and Gigabit Ethernet
standards
• Excellent EMI performance
• RJ-45 style LC™ connector system
• Available with or without collar
• Half the size of SC Duplex 1x9 transceiver
• Single power supply (3.3 V)
• Extremely low power consumption, 445 mW typical
• LVPECL differential inputs and outputs
• AC/AC coupling in accordance to SFF MSA or optional
DC/DC coupling version
• Optimized for 62.5/50 µm graded index fiber
• For distances of up to 700 m
• Multisource 2x5 footprint
1)
• Small size for high port density
• UL-94 V-0 certified
• ESD Class 1 per MIL-STD 883D Method 3015.7
• Compliant with FCC (Class B) and EN 55022
• Class 1 FDA and IEC laser safety compliant
1)
Current MSA documentation can be found at www.infineon.com/fiberoptics


Similar Part No. - V23818-K305-L15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
More results

Similar Description - V23818-K305-L15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Infineon Technologies A...
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
   iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com