Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DESD3V3S1BL-7B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DESD3V3S1BL-7B
Description  LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DESD3V3S1BL-7B Datasheet(HTML) 2 Page - Diodes Incorporated

  DESD3V3S1BL-7B Datasheet HTML 1Page - Diodes Incorporated DESD3V3S1BL-7B Datasheet HTML 2Page - Diodes Incorporated DESD3V3S1BL-7B Datasheet HTML 3Page - Diodes Incorporated DESD3V3S1BL-7B Datasheet HTML 4Page - Diodes Incorporated DESD3V3S1BL-7B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DESD3V3S1BL
Document number: DS35995 Rev. 4 - 2
2 of 5
www.diodes.com
March 2015
© Diodes Incorporated
DESD3V3S1BL
Maximum Ratings (@TA = +25°C unless otherwise specified)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
35
W
8/20
μs, Per Figure 3
Peak Pulse Current
IPP
5
A
8/20
μs, Per Figure 3
ESD Protection
– Contact Discharge
VESD_Contact
±25
kV
IEC 61000-4-2 Standard
ESD Protection
– Air Discharge
VESD_Air
±30
kV
IEC 61000-4-2 Standard
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Standoff Voltage
VRWM
3.3
V
Channel Leakage Current (Note 6)
IRM
10
100
nA
VRWM = 3.3V
Clamping Voltage, Positive Transients
VCL
4.5
5.8
5.4
7.0
V
IPP = 1A, tp = 8/20μS
IPP = 5A, tp = 8/20μS
Breakdown Voltage
VBR
3.8
6.5
V
IR = 1mA
Differential Resistance
RDIF
0.3
IR = 1A
Channel Input Capacitance
CT
10
13
pF
VR = 0V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website
at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DESD3V3S1BL-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD3V3S1BL-7B DIODES-DESD3V3S1BL-7B Datasheet
285Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
logo
Shanghai Leiditech Elec...
DESD3V3S1BL-7B LEIDITECH-DESD3V3S1BL-7B Datasheet
2Mb / 4P
   BIDIRECTIONAL TVS DIODE
Rev 1.0 : 03.07.2021
More results

Similar Description - DESD3V3S1BL-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD3V3S1BL DIODES-DESD3V3S1BL_18 Datasheet
285Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
DESD3V3E1BL DIODES-DESD3V3E1BL Datasheet
292Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
February 2019 Rev.3 - 2
D10V0X1B2LPQ DIODES-D10V0X1B2LPQ Datasheet
414Kb / 5P
   10V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
June 2020 Rev. 1 - 2
D10V0X1B2LP DIODES-D10V0X1B2LP Datasheet
347Kb / 5P
   10V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
June 2020 Rev. 1 - 2
DESD10V0X1BD2CSP DIODES-DESD10V0X1BD2CSP Datasheet
418Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS
September 2021 Rev. 1 - 2
DESD4V0X1BD2CSP DIODES-DESD4V0X1BD2CSP Datasheet
417Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS
September 2021 Rev. 1 - 2
D5V0L1B2LP DIODES-D5V0L1B2LP Datasheet
101Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
DESD5V0U1BA DIODES-DESD5V0U1BA Datasheet
460Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
DESD5V0V1BDLP3 DIODES-DESD5V0V1BDLP3 Datasheet
327Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D3V3L1B2LP3 DIODES-D3V3L1B2LP3 Datasheet
305Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com