Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T543V227M2R5AHS015 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T543V227M2R5AHS015
Description  COTS Polymer Electrolytic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T543V227M2R5AHS015 Datasheet(HTML) 5 Page - Kemet Corporation

  T543V227M2R5AHS015 Datasheet HTML 1Page - Kemet Corporation T543V227M2R5AHS015 Datasheet HTML 2Page - Kemet Corporation T543V227M2R5AHS015 Datasheet HTML 3Page - Kemet Corporation T543V227M2R5AHS015 Datasheet HTML 4Page - Kemet Corporation T543V227M2R5AHS015 Datasheet HTML 5Page - Kemet Corporation T543V227M2R5AHS015 Datasheet HTML 6Page - Kemet Corporation T543V227M2R5AHS015 Datasheet HTML 7Page - Kemet Corporation T543V227M2R5AHS015 Datasheet HTML 8Page - Kemet Corporation T543V227M2R5AHS015 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2061_T543 • 12/11/2015
55
KEMET Organic Capacitor (KO-CAP®) – High Reliability
T543 COTS Polymer Electrolytic, 2.5 – 63 VDC
Dimensions – Millimeters
H
X
T
B
B
G
F
E
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Glue pad
shape/design at
KEMET's option
Case Size
Component Dimensions
Weight
KEMET EIA
L
W
H
F ±0.1
±(0.004)
S ±0.3
±(0.012)
B ±0.15
(Ref) ±0.006 X (Ref) P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref)
(mg)
A
3216–18
3.2 ±0.2
(0.126 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008) 1.2 (0.047) 0.8 (0.031) 0.4 (0.016)
0.10 ±0.10
(0.004 ±0.004) 0.4 (.016)
0.4
(0.016)
0.13
(0.005) 0.8 (.31) 1.1 (0.043) 1.3 (0.051)
53.17
B
3528–21
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.9 ±0.1
(0.075 ±0.004) 2.2 (0.087) 0.8 (0.031) 0.4 (0.016)
0.10 ±0.10
(0.004 ±0.004) 0.5 (.020)
1.0
(0.039)
0.13
(0.005) 1.1 (0.043) 1.8 (0.071)
2.2
(0.087)
98.30
C
6032–28 6.0 ±0.3 (0.236
±0.012)
3.2 ±0.3
(0.126 ±0.012)
2.5 ±0.3
(0.098 ±0.012) 2.2 (0.087) 1.3 (0.051) 0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004) 0.9 (.035)
1.0
(0.039)
0.13
(0.005) 2.5(.098) 2.8 (0.110)
2.4
(0.094)
193.46
D
7343–31
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
2.8 ±0.3
(0.110 ±0.012) 2.4 (0.094) 1.3 (0.051) 0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004)
0.9
(0.035)
1.0
(0.039)
0.13
(0.005) 3.8 (.150) 3.5 (0.138) 3.5 (0.138)
352.36
H
7360–20
7.3 ±0.3
(0.287 ±0.012)
6.0±0.3
(0.236 ±0.012)
1.9 ±0.1
(0.075 ±0.004) 4.1 (0.161) 1.3 (0.051)
N/A
0.10 ±0.10
(0.004 ±0.004)
N/A
N/A
0.13
(0.005) 3.3 (.130) 3.5 (0.138) 3.5 (0.138)
366.62
L
6032–19 6.0 ±0.3 (0.236
±0.012)
3.2 ±0.2
(0.110 ±0.008)
1.8 ±0.1
(0.071 ±0.004) 2.2 (0.087) 1.3 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13
(0.005) 2.5(.098) 2.8 (0.110)
2.4
(0.094)
No data
M
3528–15
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.4 ±0.1
(0.055 ±0.004) 2.2 (0.087) 0.8 (0.031)
N/A
0.05 (0.002)
N/A
N/A
0.13
(0.005) 1.1 (.043) 1.8 (0.071)
2.2
(0.087)
97.99
T
3528–12
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.1 ±0.1
(0.043 ±0.004) 2.2 (0.087) 0.8 (0.031)
N/A
0.05 (0.002)
N/A
N/A
0.13
(0.005) 1.1 (.043) 1.8 (0.071)
2.2
(0.087)
59.38
U
6032–15 6.0 ±0.3 (0.236
±0.012)
3.2 ±0.2
(0.110 ±0.008)
1.4 ±0.1
(0.055 ±0.004) 2.2 (0.087) 1.3 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13
(0.005) 2.5(.098) 2.8 (0.110)
2.4
(0.094)
No data
V
7343–20
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
1.9 ±0.1
(0.075 ±0.004) 2.4 (0.094) 1.3 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13
(0.005) 3.8 (0.150) 3.5 (0.138) 3.5 (0.138)
262.90
W
7343–15
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
1.4 ±0.1
(0.055 ±0.004) 2.4 (0.094) 1.3 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13
(0.005) 3.8 (0.150) 3.5 (0.138) 3.5 (0.138)
222.94
X
7343–43
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
4.0 ±0.3
(0.157 ±0.012) 2.4 (0.094) 1.3 (0.051) 0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004)
1.7
(0.067)
1.0
(0.039)
0.13
(0.005) 3.8 (0.150) 3.5 (0.138) 3.5 (0.138)
588.16
Y
7343–40
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
3.8 ±0.2
(0.150 ±0.008) 2.4 (0.094) 1.3 (0.051) 0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004)
1.7
(0.067)
1.0
(0.039)
0.13
(0.005) 3.8 (0.150) 3.5 (0.138) 3.5 (0.138)
481.55
Notes: (Ref) – Dimensions provided for reference only. For low profile cases, no dimensions are provided for B, P or R because these cases do not have a bevel or a notch.


Similar Part No. - T543V227M2R5AHS015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543V337M2R5ATE025 KEMET-T543V337M2R5ATE025 Datasheet
69Kb / 1P
   Capacitor, Tantalum, 330 uF, 7343, /-20% Tol, 2.5 VDC (105C), Failure Rate=A
More results

Similar Description - T543V227M2R5AHS015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Kemet Corporation
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
AVX Corporation
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Kemet Corporation
T543B106M025ATE100 KEMET-T543B106M025ATE100 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 100v
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
Kemet Corporation
T540D475M063AH6510 KEMET-T540D475M063AH6510 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, COTS, N/A, 120 mOhms, Height Max = 3.1mm
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com