Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23818-K15-L57 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # V23818-K15-L57
Description  Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-K15-L57 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button V23818-K15-L57 Datasheet HTML 6Page - Infineon Technologies AG V23818-K15-L57 Datasheet HTML 7Page - Infineon Technologies AG V23818-K15-L57 Datasheet HTML 8Page - Infineon Technologies AG V23818-K15-L57 Datasheet HTML 9Page - Infineon Technologies AG V23818-K15-L57 Datasheet HTML 10Page - Infineon Technologies AG V23818-K15-L57 Datasheet HTML 11Page - Infineon Technologies AG V23818-K15-L57 Datasheet HTML 12Page - Infineon Technologies AG V23818-K15-L57 Datasheet HTML 13Page - Infineon Technologies AG V23818-K15-L57 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
V23818-K15-Lxx
Description
Data Sheet
10
2003-03-21
Description
The Infineon single mode transceiver is based on and compliant to the Physical Medium
Depend (PMD) sublayer and baseband medium, type 1000-Base-LX (long wavelength)
as specified in IEEE Std 802.3 and Fibre Channel FC-PI Rev. 13 100-SM-LC-L.
The appropriate fiber optic cable is 9 µm single mode fiber with LC connector.
The Infineon single mode transceiver is a single unit comprised of a transmitter, a
receiver, and an LC receptacle. This design frees the customer from many alignment
and PC board layout concerns.
This transceiver supports the LC connectorization concept, which competes with UTP/
CAT 5 solutions. It is compatible with RJ-45 style backpanels for fiber-to-the-desktop
applications while providing the advantages of fiber optic technology. The receptacle
accepts the new LC connector. The Small Form Factor is specially developed for
distances of up to 10 km.
The module is designed for low cost LAN and WAN applications. It can be used as the
network end device interface in mainframes, workstations, servers, and storage devices,
and in a broad range of network devices such as bridges, routers, hubs, and local and
wide area switches.
This transceiver operates at 1.0625 and 1.25 Gbit/s from a single power supply. The full
differential data inputs and outputs are LVPECL compatible.
Functional Description of SFF Transceiver
This transceiver is designed to transmit serial data via single mode fiber.
Figure 8
Functional Diagram 2x10 Pin Rows
File: 1357
Laser
Driver
Laser
Monitor
Power
Control
Receiver
SD
PDBias
TD+
RD+
RD-
BMon-
BMon+
TD-
Tx
Coupling Unit
Rx
Coupling Unit
e/o
o/e
o/e
TDis
PMon-
3k
3k
3k
10
Single
Mode
Fiber
Automatic
Shut-Down
PMon+
200
3k


Similar Part No. - V23818-K15-L57

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
More results

Similar Description - V23818-K15-L57

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-N15-L17 INFINEON-V23818-N15-L17 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
logo
Finisar Corporation.
V23826-K15-C313 FINISAR-V23826-K15-C313 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com