Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5V0L6U2LP37 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D5V0L6U2LP37
Description  55V BIDIRECTIONAL TVS DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0L6U2LP37 Datasheet(HTML) 1 Page - Diodes Incorporated

  D5V0L6U2LP37 Datasheet HTML 1Page - Diodes Incorporated D5V0L6U2LP37 Datasheet HTML 2Page - Diodes Incorporated D5V0L6U2LP37 Datasheet HTML 3Page - Diodes Incorporated D5V0L6U2LP37 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D55V0M1B2WS
Document number: DS36160 Rev. 3 - 2
1 of 4
www.diodes.com
June 2013
© Diodes Incorporated
D55V0M1B2WS
55V BIDIRECTIONAL TVS DIODE
Features
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±25kV
1 Channel of ESD Protection
Ideal for 60V MOSFET Protection
High Peak Pulse Current per IEC 61000-4-5 Standard
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOD323
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Weight: 0.004 grams (approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size(inches)
Tape width(mm)
Quantity per reel
D55V0M1B2WS-7
Standard
I/I
7
8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
 
D 55V0 M X B X XXX- XX
5V0: 5.0 Volts
55V0: 55.0 Volts
Voltage
Capacitance
# of Channels
Polarity
# of Pins
Package
Packing
X: Extremely Low (<0.5pF)
F: Ultra Low (0.5 ~ 1.0pF)
P: Very Low (1.1 ~ 10pF)
L: Low (10.1 ~ 20pF)
M: Medium (>20pF)
1: 1 Channel
2: 2 Channels
4: 4 Channels
6: 6 Channels
B: Bidirectional
(Symmetrical)
U: Unidirectional
A: Bidirectional
(Asymmetrical)
2: 2 Pins
3: 3 Pins
5: 5 Pins
6: 6 Pins
8: 8 Pins
10: 10 Pins
LP3: X3-DFN0603-2
LP: X1-DFN1006-2
LP4: X2-DFN1006-2
WS: SOD323
T: SOD523/SOT523
SO: SOT23/SOT25
W: SOD123/SOT323
TS: TSOT25/TSOT26
S: SOT353/SOT363
V:SOT553/SOT563
7: 7” reel
7B: 7” reel
13: 13” reel
(DFN1006
Package Only)
Device Schematic
Bottom View
I/I = Product Type Marking Code
SOD323
Pin 2
Pin 1
I/I


Similar Part No. - D5V0L6U2LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L6U2LP37 DIODES-D5V0L6U2LP37 Datasheet
102Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L6U2LP37 DIODES-D5V0L6U2LP37 Datasheet
106Kb / 4P
   CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L6U2LP37 DIODES-D5V0L6U2LP37 Datasheet
96Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L6U2LP37 DIODES-D5V0L6U2LP37 Datasheet
103Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L6U2LP37 DIODES-D5V0L6U2LP37 Datasheet
102Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
More results

Similar Description - D5V0L6U2LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D55V0M1B2WSQ DIODES-D55V0M1B2WSQ Datasheet
296Kb / 5P
   55V BIDIRECTIONAL TVS DIODE
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
   BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA3611CDN LEIDITECH-SDA3611CDN Datasheet
154Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESDA05CW LEIDITECH-ESDA05CW Datasheet
490Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESD5Z5C LEIDITECH-ESD5Z5C Datasheet
198Kb / 3P
   Bidirectional TVS Diode
ESDA05CC LEIDITECH-ESDA05CC Datasheet
341Kb / 3P
   Bidirectional TVS Diode
ESDA33CT30 LEIDITECH-ESDA33CT30 Datasheet
327Kb / 3P
   Bidirectional TVS Diode
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
   BIDIRECTIONAL TVS DIODE
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
   BIDIRECTIONAL TVS DIODE
SD33C LEIDITECH-SD33C Datasheet
1Mb / 5P
   BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com