Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP001221 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PP001221
Description  Tri-Rated Flexible PVC Equipment Wire
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001221 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PP001221 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001221 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001221 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP001221 Datasheet HTML 4Page - List of Unclassifed Manufacturers PP001221 Datasheet HTML 5Page - List of Unclassifed Manufacturers PP001221 Datasheet HTML 6Page - List of Unclassifed Manufacturers PP001221 Datasheet HTML 7Page - List of Unclassifed Manufacturers PP001221 Datasheet HTML 8Page - List of Unclassifed Manufacturers PP001221 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <4>
V1.2
16/12/15
Tri-Rated Flexible PVC Equipment Wire
Part Number No. of
Cores
Colour
Nominal Cross
Sectional Area
mm2
Approximate
AWG
Nominal Thickness
of Insulation
mm
Nominal Overall
Diameter
mm
Nominal
Weight
kg/km
PP001209
1
Brown
4
12
0.8
4.35
48
PP001219
Dark Blue
12
PP001226
Green
12
PP001233
Grey
12
PP001243
Green/Yellow
12
PP001253
Light Blue
12
PP001260
Orange
12
PP001267
Pink
12
PP001274
Red
12
PP001284
Violet
12
PP001291
White
12
PP001300
Yellow
12
PP001191
Black
6
10
4.85
69
PP001201
Blue
10
PP001210
Brown
10
PP001220
Dark Blue
10
PP001227
Green
10
PP001234
Grey
10
PP001244
Green/Yellow
10
PP001254
Light Blue
10
PP001261
Orange
10
PP001268
Pink
10
PP001275
Red
10
PP001285
Violet
10
PP001292
White
10
PP001301
Yellow
10
PP001192
Black
10
8
1
6.3
117
PP001202
Blue
8
PP001211
Brown
8
PP001235
Grey
8
PP001245
Green/Yellow
8
PP001276
Red
8
PP001293
White
8
PP001302
Yellow
8
PP001193
Black
16
6
8.1
191
PP001203
Blue


Similar Part No. - PP001221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001064 ETC2-PP001064 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001065 ETC2-PP001065 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001066 ETC2-PP001066 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001067 ETC2-PP001067 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001068 ETC2-PP001068 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
More results

Similar Description - PP001221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
   75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
logo
SHIELD s.r.l.
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
   PVC, HAR-UL-CSA tri-norm, 600 V
logo
Belden Inc.
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
   Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
logo
List of Unclassifed Man...
AWM20276 ETC2-AWM20276 Datasheet
40Kb / 2P
   PVC jacketed cable for electrical equipment
logo
Belden Inc.
9492 BELDEN-9492 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #20 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
9495 BELDEN-9495 Datasheet
163Kb / 2P
   High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9494 BELDEN-9494 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9493 BELDEN-9493 Datasheet
164Kb / 2P
   High Perform Instr, 1 Tri #18 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9491 BELDEN-9491 Datasheet
145Kb / 2P
   High Perform Instr, 1 Tri #22 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
   Silicone Insulated Equipment Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com