Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23818-N15-L656 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # V23818-N15-L656
Description  Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-N15-L656 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button V23818-N15-L656 Datasheet HTML 3Page - Infineon Technologies AG V23818-N15-L656 Datasheet HTML 4Page - Infineon Technologies AG V23818-N15-L656 Datasheet HTML 5Page - Infineon Technologies AG V23818-N15-L656 Datasheet HTML 6Page - Infineon Technologies AG V23818-N15-L656 Datasheet HTML 7Page - Infineon Technologies AG V23818-N15-L656 Datasheet HTML 8Page - Infineon Technologies AG V23818-N15-L656 Datasheet HTML 9Page - Infineon Technologies AG V23818-N15-L656 Datasheet HTML 10Page - Infineon Technologies AG V23818-N15-L656 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
V23818-N15-L6xx
Pin Configuration
Data Sheet
7
2003-09-10
PMon– / PMon+
The DC voltage that can be measured across pins 19 and 20 is proportional to the laser
monitor diode current through a 200
Ω resistor in its path. This output remains constant
and can be used to monitor correct operation of laser control circuitry, a deviation
indicates faulty behaviour. A schematic and typical behaviour are shown in Figure 7 and
Figure 8. The SFF MSA defines that
V
mon must be in the range of 0.01 V and 0.2 V. The
Infineon OC-48 transceiver has a nominal range of 0.04 to 0.08 V. Leave pins
unconnected if feature is not required.
Figure 7
Power Monitor – Transceiver Internal
Figure 8
Typical Behaviour of Power Monitor Voltage over Temperature
200
3 k
3 k
File: 1311
VCC
VEE
R
Pin 20
Pin 19
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
1020
3040
5060
70
Temperature (˚C)
File: 1313


Similar Part No. - V23818-N15-L656

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L16 INFINEON-V23818-N15-L16 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-L17 INFINEON-V23818-N15-L17 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-L353 INFINEON-V23818-N15-L353 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-L354 INFINEON-V23818-N15-L354 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-L355 INFINEON-V23818-N15-L355 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
More results

Similar Description - V23818-N15-L656

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L17 INFINEON-V23818-N15-L17 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-C18-L47 INFINEON-V23818-C18-L47 Datasheet
603Kb / 17P
   Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC??Connector
2003-06-06
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23848-N305-C56 INFINEON-V23848-N305-C56 Datasheet
724Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 2.5 Gbit/s InfiniBand 1X-SX Multimode 850 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com