Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP001196 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PP001196
Description  Tri-Rated Flexible PVC Equipment Wire
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001196 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PP001196 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001196 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001196 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP001196 Datasheet HTML 4Page - List of Unclassifed Manufacturers PP001196 Datasheet HTML 5Page - List of Unclassifed Manufacturers PP001196 Datasheet HTML 6Page - List of Unclassifed Manufacturers PP001196 Datasheet HTML 7Page - List of Unclassifed Manufacturers PP001196 Datasheet HTML 8Page - List of Unclassifed Manufacturers PP001196 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <3>
V1.2
16/12/15
Tri-Rated Flexible PVC Equipment Wire
Part Number No. of
Cores
Colour
Nominal Cross
Sectional Area
mm2
Approximate
AWG
Nominal Thickness
of Insulation
mm
Nominal Overall
Diameter
mm
Nominal
Weight
kg/km
PP001257
1
Orange
1
18
0.8
3
18
PP001264
Pink
PP001271
Red
PP001281
Violet
PP001288
White
PP001297
Yellow
PP001188
Black
1.5
16
3.3
23
PP001198
Blue
PP001207
Brown
PP001217
Dark Blue
PP001224
Green
PP001231
Grey
PP001241
Green/Yellow
PP001251
Light Blue
PP001258
Orange
PP001265
Pink
PP001272
Red
PP001282
Violet
PP001289
White
PP001298
Yellow
PP001189
Black
2.5
14
3.75
35
PP001199
Blue
PP001208
Brown
PP001218
Dark Blue
PP001225
Green
PP001232
Grey
PP001242
Green/Yellow
PP001252
Light Blue
PP001259
Orange
PP001266
Pink
PP001273
Red
PP001283
Violet
PP001290
White
PP001299
Yellow
PP001190
Black
4
12
4.35
48
PP001200
Blue


Similar Part No. - PP001196

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001100 ETC2-PP001100 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001101 ETC2-PP001101 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001102 ETC2-PP001102 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001103 ETC2-PP001103 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
   High Temperature Silicone Wire SIAF/GL
More results

Similar Description - PP001196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
   75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
logo
SHIELD s.r.l.
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
   PVC, HAR-UL-CSA tri-norm, 600 V
logo
Belden Inc.
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
   Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
logo
List of Unclassifed Man...
AWM20276 ETC2-AWM20276 Datasheet
40Kb / 2P
   PVC jacketed cable for electrical equipment
logo
Belden Inc.
9492 BELDEN-9492 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #20 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
9495 BELDEN-9495 Datasheet
163Kb / 2P
   High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9494 BELDEN-9494 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9493 BELDEN-9493 Datasheet
164Kb / 2P
   High Perform Instr, 1 Tri #18 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9491 BELDEN-9491 Datasheet
145Kb / 2P
   High Perform Instr, 1 Tri #22 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
   Silicone Insulated Equipment Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com