Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T543T156M004ATS100 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T543T156M004ATS100
Description  COTS Polymer Electrolytic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T543T156M004ATS100 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T543T156M004ATS100 Datasheet HTML 5Page - Kemet Corporation T543T156M004ATS100 Datasheet HTML 6Page - Kemet Corporation T543T156M004ATS100 Datasheet HTML 7Page - Kemet Corporation T543T156M004ATS100 Datasheet HTML 8Page - Kemet Corporation T543T156M004ATS100 Datasheet HTML 9Page - Kemet Corporation T543T156M004ATS100 Datasheet HTML 10Page - Kemet Corporation T543T156M004ATS100 Datasheet HTML 11Page - Kemet Corporation T543T156M004ATS100 Datasheet HTML 12Page - Kemet Corporation T543T156M004ATS100 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2061_T543 • 12/11/2015
99
KEMET Organic Capacitor (KO-CAP®) – High Reliability
T543 COTS Polymer Electrolytic, 2.5 – 63 VDC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 105°C
µF
KEMET/EIA
(See below for
part options)
µA at VR, 25°C
Maximum/
5 Minutes
% at 25°C
120 Hz
Maximum
mΩ at 25°C
100 kHz
Maximum
mA at 45°C
100 kHz
°C
Reflow Temp
≤ 260ºC
4
330
V/7343-20
T543V337(1)004A(2)(3)025
132
10
25
2735
105
3
4
330
V/7343-20
T543V337(1)004A(2)(3)040
132
10
40
2162
105
3
4
330
D-7343-31
T543D337(1)004A(2)(3)005
132
10
5
6708
105
3
4
330
D-7343-31
T543D337(1)004A(2)(3)006
132
10
6
6124
105
3
4
330
D-7343-31
T543D337(1)004A(2)(3)007
132
10
7
5669
105
3
4
330
D-7343-31
T543D337(1)004A(2)(3)009
132
10
9
5000
105
3
4
330
D-7343-31
T543D337(1)004A(2)(3)010
132
10
10
4743
105
3
4
330
D-7343-31
T543D337(1)004A(2)(3)012
132
10
12
4330
105
3
4
330
D-7343-31
T543D337(1)004A(2)(3)015
132
10
15
3873
105
3
4
330
D-7343-31
T543D337(1)004A(2)(3)025
132
10
25
3000
105
3
4
330
D-7343-31
T543D337(1)004A(2)(3)040
132
10
40
2372
105
3
4
330
D-7343-31
T543D337(1)004A(2)(3)045
132
10
45
2236
105
3
4
470
D-7343-31
T543D477(1)004A(2)(3)006
188
10
6
6124
105
3
4
470
D-7343-31
T543D477(1)004A(2)(3)010
188
10
10
4743
105
3
4
470
D-7343-31
T543D477(1)004A(2)(3)012
188
10
12
4330
105
3
4
470
D-7343-31
T543D477(1)004A(2)(3)015
188
10
15
3873
105
3
4
470
D-7343-31
T543D477(1)004A(2)(3)018
188
10
18
3536
105
3
4
470
D-7343-31
T543D477(1)004A(2)(3)025
188
10
25
3000
105
3
4
470
D-7343-31
T543D477(1)004A(2)(3)040
188
10
40
2372
105
3
4
470
Y/7343-40
T543Y477(1)004A(2)(3)005
188
10
5
6943
105
3
4
470
Y/7343-40
T543Y477(1)004A(2)(3)006
188
10
6
6338
105
3
4
470
Y/7343-40
T543Y477(1)004A(2)(3)010
188
10
10
4909
105
3
4
470
Y/7343-40
T543Y477(1)004A(2)(3)025
188
10
25
3105
105
3
4
470
Y/7343-40
T543Y477(1)004A(2)(3)040
188
10
40
2455
105
3
4
680
D-7343-31
T543D687(1)004A(2)(3)025
272
10
25
3000
105
3
4
680
Y/7343-40
T543Y687(1)004A(2)(3)005
272
10
5
6943
105
3
4
680
Y/7343-40
T543Y687(1)004A(2)(3)010
272
10
10
4909
105
3
4
680
Y/7343-40
T543Y687(1)004A(2)(3)015
272
10
15
4008
105
3
4
680
Y/7343-40
T543Y687(1)004A(2)(3)025
272
10
25
3105
105
3
4
680
X/7343-43
T543X687(1)004A(2)(3)005
272
10
5
7029
105
3
4
680
X/7343-43
T543X687(1)004A(2)(3)006
272
10
6
6416
105
3
4
680
X/7343-43
T543X687(1)004A(2)(3)010
272
10
10
4970
105
3
4
680
X/7343-43
T543X687(1)004A(2)(3)015
272
10
15
4058
105
3
4
680
X/7343-43
T543X687(1)004A(2)(3)035
272
10
35
2657
105
3
4
1000
X/7343-43
T543X108(1)004A(2)(3)006
400
10
6
6416
105
3
4
1000
X/7343-43
T543X108(1)004A(2)(3)010
400
10
10
4970
105
3
6.3
15
T/3528-12
T543T156(1)006A(2)(3)100
9
8
100
1025
105
3
6.3
22
A/3216-18
T543A226(1)006A(2)(3)090
14
8
90
1116
105
3
6.3
22
A/3216-18
T543A226(1)006A(2)(3)100
14
8
100
1058
105
3
6.3
33
A/3216-18
T543A336(1)006A(2)(3)070
21
8
70
1265
105
3
6.3
33
A/3216-18
T543A336(1)006A(2)(3)080
21
8
80
1183
105
3
6.3
33
A/3216-18
T543A336(1)006A(2)(3)120
21
8
120
966
105
3
6.3
33
T/3528-12
T543T336(1)006A(2)(3)070
21
8
70
1225
105
3
6.3
33
B/3528-21
T543B336(1)006A(2)(3)025
21
8
25
2254
105
3
6.3
33
B/3528-21
T543B336(1)006A(2)(3)035
21
8
35
1905
105
3
6.3
33
B/3528-21
T543B336(1)006A(2)(3)040
21
8
40
1782
105
3
6.3
33
B/3528-21
T543B336(1)006A(2)(3)070
21
8
70
1347
105
3
6.3
33
B/3528-21
T543B336(1)006A(2)(3)080
21
8
80
1260
105
3
6.3
33
C/6032-25
T543C336(1)006A(2)(3)100
21
8
100
1285
105
3
6.3
47
A/3216-18
T543A476(1)006A(2)(3)150
30
8
150
864
105
3
VDC at 105°C
µF
KEMET/EIA
(See below for
part options)
µA at VR, 25°C
Maximum/
5 Minutes
% at 25°C
120 Hz
Maximum
mΩ at 25°C
100 kHz
Maximum
mA at 45°C
100 kHz
°C
Reflow Temp
≤ 260ºC
Rated
Voltage
Rated
Capacitance
Case Code/
Case Size
KEMET Part Number
DC Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating Temp
MSL
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20%, K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, H = Solder Plated, T = 100% Tin (Sn). Designates termination finish.
(3) To complete KEMET part number, insert E = None, S = 10 cycles +25°C, W = 10 cycles -55°C +85°C. Designates surge current option.
Refer to Ordering Information for additional detail.


Similar Part No. - T543T156M004ATS100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543 KEMET-T543 Datasheet
1Mb / 29P
   T543 Up-Screen Commercial Polymer Electrolytic, 2.5 ??63 VDC
T543A226K010ATE080 KEMET-T543A226K010ATE080 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 22 uF, 10%, 10 V, 3216, SMD, Polymer, Molded, COTS, Up Screening, N/A, 80mOhms, Height Max = 1.8mm
T543B106M025ATE100 KEMET-T543B106M025ATE100 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 100v
T543B107M006AHW025 KEMET-T543B107M006AHW025 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 100 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 25mOhms, Height Max = 2.1mm
T543B107M006ATW025 KEMET-T543B107M006ATW025 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 100 uF, 3528, /-20% Tol, 6.3 VDC (105C), Failure Rate=A
More results

Similar Description - T543T156M004ATS100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Kemet Corporation
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
AVX Corporation
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Kemet Corporation
T543B106M025ATE100 KEMET-T543B106M025ATE100 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 100v
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
Kemet Corporation
T540D475M063AH6510 KEMET-T540D475M063AH6510 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, COTS, N/A, 120 mOhms, Height Max = 3.1mm
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com