Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23818-N15-L46 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # V23818-N15-L46
Description  Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-N15-L46 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button V23818-N15-L46 Datasheet HTML 6Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 7Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 8Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 9Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 10Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 11Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 12Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 13Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
V23818-N15-Lxx/Lxxx
Description
Data Sheet
10
2003-08-18
Description
The Infineon 2.5 Gigabit single mode transceiver – part of the Infineon Small Form Factor
transceiver family – is based on the Physical Medium Depend (PMD) sublayer and
baseband medium, type 2000 Base-LX, compliant with ITU-T G.957 STM-16, S-16.1 and
SONET OC-48 SR-1.
This transceiver is also suitable for multirate applications. The performance at lower
datarates may vary from application to application and is link dependent. Refer to
Infineon Application Note 97 for more information.
The appropriate fiber optic cable is 9 µm single mode fiber with LC connector.
The Infineon OC-48 single mode transceiver is a single unit comprised of a transmitter,
a receiver, and an LC receptacle. This design frees the customer from many alignment
and PC board layout concerns.
This transceiver supports the LC connectorization concept, which competes with UTP/
CAT 5 solutions. It is compatible with RJ-45 style backpanels for fiber-to-the-desktop
applications while providing the advantages of fiber optic technology. The transmission
distance is up to 2 km.
The module is designed for low cost LAN, WAN, and up to 2.5 Gbit/s applications. It can
be used as the network end device interface in mainframes, workstations, servers, and
storage devices, and in a broad range of network devices such as bridges, routers, hubs,
and local and wide area switches.
This transceiver operates at up to 2.5 Gbit/s from a single power supply (+3.3 V). The
full differential data inputs and outputs are LVPECL compatible.


Similar Part No. - V23818-N15-L46

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-L653 INFINEON-V23818-N15-L653 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-L656 INFINEON-V23818-N15-L656 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
More results

Similar Description - V23818-N15-L46

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-C18-L47 INFINEON-V23818-C18-L47 Datasheet
603Kb / 17P
   Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC??Connector
2003-06-06
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23848-N305-C56 INFINEON-V23848-N305-C56 Datasheet
724Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 2.5 Gbit/s InfiniBand 1X-SX Multimode 850 nm Transceiver with LC Connector
2004-06-28
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com