Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23818-N15-L46 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # V23818-N15-L46
Description  Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-N15-L46 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button V23818-N15-L46 Datasheet HTML 7Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 8Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 9Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 10Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 11Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 12Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 13Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 14Page - Infineon Technologies AG V23818-N15-L46 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
V23818-N15-Lxx/Lxxx
Description
Data Sheet
11
2003-08-18
Functional Description of SFF Transceiver
This transceiver is designed to transmit serial data via single mode fiber.
Figure 10
Functional Diagram 2x10 Pin Rows
Figure 11
Functional Diagram 2x5 Pin Rows
File: 1357
Laser
Driver
Laser
Monitor
Power
Control
Receiver
SD
PDBias
TD+
RD+
RD-
BMon-
BMon+
TD-
Tx
Coupling Unit
Rx
Coupling Unit
e/o
o/e
o/e
TDis
PMon-
3k
3k
3k
10
Single
Mode
Fiber
Automatic
Shut-Down
PMon+
200
3k
Laser
Driver
Laser
Monitor
Power
Control
SD
TD+
RD+
RD
TD
Tx
Coupling Unit
Rx
Coupling Unit
e/o
o/e
o/e
TDis
File: 1351
Single
Mode
Fiber
Automatic
Shut-Down
Limiting
Amp
TIA


Similar Part No. - V23818-N15-L46

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-L653 INFINEON-V23818-N15-L653 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-L656 INFINEON-V23818-N15-L656 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
More results

Similar Description - V23818-N15-L46

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-C18-L47 INFINEON-V23818-C18-L47 Datasheet
603Kb / 17P
   Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC??Connector
2003-06-06
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23848-N305-C56 INFINEON-V23848-N305-C56 Datasheet
724Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 2.5 Gbit/s InfiniBand 1X-SX Multimode 850 nm Transceiver with LC Connector
2004-06-28
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com