Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP001233 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PP001233
Description  Tri-Rated Flexible PVC Equipment Wire
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001233 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PP001233 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001233 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001233 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP001233 Datasheet HTML 4Page - List of Unclassifed Manufacturers PP001233 Datasheet HTML 5Page - List of Unclassifed Manufacturers PP001233 Datasheet HTML 6Page - List of Unclassifed Manufacturers PP001233 Datasheet HTML 7Page - List of Unclassifed Manufacturers PP001233 Datasheet HTML 8Page - List of Unclassifed Manufacturers PP001233 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <5>
V1.2
16/12/15
Tri-Rated Flexible PVC Equipment Wire
Part Number No. of
Cores
Colour
Nominal Cross
Sectional Area
mm2
Approximate
AWG
Nominal Thickness
of Insulation
mm
Nominal Overall
Diameter
mm
Nominal
Weight
kg/km
PP001212
1
Brown
16
6
1
8.1
191
PP001236
Grey
PP001246
Green/Yellow
PP001277
Red
PP001294
White
PP001303
Yellow
PP001194
Black
25
4
1.2
9.4
281
PP001213
Brown
PP001237
Grey
PP001247
Green/Yellow
PP001278
Red
Conductors
Class 5 Flexible Copper Conductors for Single Core Wire
Nominal Cross
Sectional Area
mm²
No. of Strands x Strand Size
(mm)
Max. Resistance of Conductor at 20°C
Plain Wires
Ω/km
0.5
16 × 0.2
39
0.75
24 × 0.2
26
1
30 × 0.2
19.5
1.5
30 × 0.25
13.3
2.5
50 × 0.25
7.98
4
56 × 0.3
4.95
6
84 × 0.3
3.3
10
136 × 0.3
1.91
16
126 × 0.4
1.21
25
196 × 0.4
0.78
The above table is in accordance with BS EN 60228 (previously BS 6360)
Electrical Characteristics:
Current Carrying Capacity and Voltage Drop
Nominal Cross
Sectional Area
mm²
Current Rating (Peak)
Amps
Voltage Drop
mV/A/m
0.5
11
46
0.75
14
31
1
17
22


Similar Part No. - PP001233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001064 ETC2-PP001064 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001065 ETC2-PP001065 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001066 ETC2-PP001066 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001067 ETC2-PP001067 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001068 ETC2-PP001068 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
More results

Similar Description - PP001233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
   75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
logo
SHIELD s.r.l.
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
   PVC, HAR-UL-CSA tri-norm, 600 V
logo
Belden Inc.
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
   Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
logo
List of Unclassifed Man...
AWM20276 ETC2-AWM20276 Datasheet
40Kb / 2P
   PVC jacketed cable for electrical equipment
logo
Belden Inc.
9492 BELDEN-9492 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #20 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
9495 BELDEN-9495 Datasheet
163Kb / 2P
   High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9494 BELDEN-9494 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9493 BELDEN-9493 Datasheet
164Kb / 2P
   High Perform Instr, 1 Tri #18 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9491 BELDEN-9491 Datasheet
145Kb / 2P
   High Perform Instr, 1 Tri #22 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
   Silicone Insulated Equipment Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com