Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23826-K15-C63 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # V23826-K15-C63
Description  Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23826-K15-C63 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button V23826-K15-C63 Datasheet HTML 6Page - Infineon Technologies AG V23826-K15-C63 Datasheet HTML 7Page - Infineon Technologies AG V23826-K15-C63 Datasheet HTML 8Page - Infineon Technologies AG V23826-K15-C63 Datasheet HTML 9Page - Infineon Technologies AG V23826-K15-C63 Datasheet HTML 10Page - Infineon Technologies AG V23826-K15-C63 Datasheet HTML 11Page - Infineon Technologies AG V23826-K15-C63 Datasheet HTML 12Page - Infineon Technologies AG V23826-K15-C63 Datasheet HTML 13Page - Infineon Technologies AG V23826-K15-C63 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
V23826-K15-Cxx/Cxxx
Application Notes
Data Sheet
10
2000-03-09
Single Mode 1300 nm Gigabit Ethernet/Fibre Channel 1x9 Transceiver,
DC/DC Version
Figure 5
Values of R1/2/3/4 may vary as long as proper 50
W termination to V
EE or 100 W
differential is provided. The power supply filtering is required for good EMI performance.
Use short tracks from the inductor L1/L2 to the module
V
CCRx/VCCTx. We recommend a
GND plane under the module for getting good EMI performance.
The transceiver contains an automatic shutdown circuit. Reset is only possible if the
power is turned off, and then on again. (
V
CCTx switched below VTH).
Application Board available on request.
The stud pins S1 and S2 are not connected.
C7
C6
Laser
Driver
Signal
Detect
Limiting
Am plifier
Pre-
Am p
RD -
RD +
Tx+
Tx-
Serializer/
Deserializer
Gigabit
Transceiver
Chip
RD -
ECL/PECL
Driver
Receiver
PLL etc.
Infineon Transceiver
V23826-K15-C63/C363
DC/DC Option
1
2
3
4
5
6
7
8
9
SD to upperlevel
TxGND
TxD
TxD
VCCTx
VCCRx
SD
RxD
RxD
RxGND
VCC
L1
L2
C2
C1
R9
C3
C4
C5
VCC SerDes
5 V /3.3 V
VCC
5 V /3.3 V
RD +
C1/2/3= 4.7 µF
C4/5/6/7= 10 nF
L1/2= 1 µH
R10/11
= 82
Ω (5 V)
= 127
Ω(3.3V)
(depends on SerDes chi
p used)
R7/8= 127
Ω (5 V)
=
82
Ω (3.3V)
(depends on SerDes chip used)
R5/6= 300
Ω (5 V)
= 150
Ω (3.3 V)
R9
= 510
Ω (5 V)
= 270
Ω (3.3 V)
Place R1/2/3/4 close to
SerDes chip,depends on
SerDes chip used,see application note ofSerDes supplier.
Place R7/8/10/11 close to Infineon Transceiver


Similar Part No. - V23826-K15-C63

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
V23826-K15-C63 FINISAR-V23826-K15-C63 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
More results

Similar Description - V23826-K15-C63

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-K15-C INFINEON-V23826-K15-C Datasheet
326Kb / 9P
   Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
MARCH 2000
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
Finisar Corporation.
V23826-K15-C313 FINISAR-V23826-K15-C313 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
logo
Infineon Technologies A...
V23826-K305-C13 INFINEON-V23826-K305-C13 Datasheet
534Kb / 17P
   Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-12-19
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
logo
Infineon Technologies A...
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com