Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F850-C-GU Datasheet(PDF) 7 Page - Silicon Laboratories

Part # C8051F850-C-GU
Description  Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F850-C-GU Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button C8051F850-C-GU Datasheet HTML 3Page - Silicon Laboratories C8051F850-C-GU Datasheet HTML 4Page - Silicon Laboratories C8051F850-C-GU Datasheet HTML 5Page - Silicon Laboratories C8051F850-C-GU Datasheet HTML 6Page - Silicon Laboratories C8051F850-C-GU Datasheet HTML 7Page - Silicon Laboratories C8051F850-C-GU Datasheet HTML 8Page - Silicon Laboratories C8051F850-C-GU Datasheet HTML 9Page - Silicon Laboratories C8051F850-C-GU Datasheet HTML 10Page - Silicon Laboratories C8051F850-C-GU Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 328 page
background image
Rev. 1.0
6
24.1.Supporting Documents223
24.2.SMBus Configuration223
24.3.SMBus Operation223
24.3.1.Transmitter vs. Receiver224
24.3.2.Arbitration224
24.3.3.Clock Low Extension224
24.3.4.SCL Low Timeout224
24.3.5.SCL High (SMBus Free) Timeout225
24.4.Using the SMBus225
24.4.1.SMBus Configuration Register225
24.4.2.SMBus Pin Swap227
24.4.3.SMBus Timing Control227
24.4.4.SMB0CN Control Register227
24.4.5.Hardware Slave Address Recognition229
24.4.6.Data Register229
24.5.SMBus Transfer Modes230
24.5.1.Write Sequence (Master)230
24.5.2.Read Sequence (Master)231
24.5.3.Write Sequence (Slave)232
24.5.4.Read Sequence (Slave)233
24.6.SMBus Status Decoding233
24.7.I2C / SMBus Control Registers238
25. Timers (Timer0, Timer1, Timer2 and Timer3)245
25.1.Timer 0 and Timer 1246
25.1.1.Mode 0: 13-bit Counter/Timer247
25.1.2.Mode 1: 16-bit Counter/Timer247
25.1.3.Mode 2: 8-bit Counter/Timer with Auto-Reload248
25.1.4.Mode 3: Two 8-bit Counter/Timers (Timer 0 Only)249
25.2.Timer 2 and Timer 3250
25.2.1.16-bit Timer with Auto-Reload250
25.2.2.8-bit Timers with Auto-Reload251
25.2.3.Capture Mode252
25.3.Timer Control Registers253
26. Universal Asynchronous Receiver/Transmitter (UART0)271
26.1.Enhanced Baud Rate Generation271
26.2.Operational Modes273
26.2.1.8-Bit UART273
26.2.2.9-Bit UART274
26.3.Multiprocessor Communications275
26.4.UART Control Registers277
27. Watchdog Timer (WDT0)280
27.1.Enabling / Resetting the WDT281
27.2.Disabling the WDT281
27.3.Disabling the WDT Lockout281
27.4.Setting the WDT Interval281


Similar Part No. - C8051F850-C-GU

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F850-C-GU SILABS-C8051F850-C-GU Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
More results

Similar Description - C8051F850-C-GU

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F85X86X SILABS-C8051F85X86X Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
C8051F850-B-GM SILABS-C8051F850-B-GM Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
logo
STMicroelectronics
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
SIM3C1XX SILABS-SIM3C1XX Datasheet
2Mb / 90P
   High-Performance, Low-Power, 32-Bit Precision32??MCU Family with up to 256 kB of Flash
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com