Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F920-G-GQ Datasheet(PDF) 6 Page - Silicon Laboratories

Part # C8051F920-G-GQ
Description  Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
Download  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F920-G-GQ Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button C8051F920-G-GQ Datasheet HTML 2Page - Silicon Laboratories C8051F920-G-GQ Datasheet HTML 3Page - Silicon Laboratories C8051F920-G-GQ Datasheet HTML 4Page - Silicon Laboratories C8051F920-G-GQ Datasheet HTML 5Page - Silicon Laboratories C8051F920-G-GQ Datasheet HTML 6Page - Silicon Laboratories C8051F920-G-GQ Datasheet HTML 7Page - Silicon Laboratories C8051F920-G-GQ Datasheet HTML 8Page - Silicon Laboratories C8051F920-G-GQ Datasheet HTML 9Page - Silicon Laboratories C8051F920-G-GQ Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 351 page
background image
C8051F93x-C8051F92x
6
Rev. 1.4
18.7.Flash Error Reset ........................................................................................... 189
18.8.SmaRTClock (Real Time Clock) Reset .......................................................... 189
18.9.Software Reset ............................................................................................... 189
19. Clocking Sources ................................................................................................. 191
19.1.Programmable Precision Internal Oscillator ................................................... 192
19.2.Low Power Internal Oscillator......................................................................... 192
19.3.External Oscillator Drive Circuit...................................................................... 192
19.3.1.External Crystal Mode............................................................................ 192
19.3.2.External RC Mode.................................................................................. 194
19.3.3.External Capacitor Mode........................................................................ 195
19.3.4.External CMOS Clock Mode .................................................................. 196
19.4.Special Function Registers for Selecting and Configuring the System Clock 197
20. SmaRTClock (Real Time Clock) .......................................................................... 200
20.1.SmaRTClock Interface ................................................................................... 201
20.1.1.SmaRTClock Lock and Key Functions................................................... 201
20.1.2.Using RTC0ADR and RTC0DAT to Access SmaRTClock Internal Registers
..................................................................................................... 202
20.1.3.RTC0ADR Short Strobe Feature............................................................ 202
20.1.4.SmaRTClock Interface Autoread Feature .............................................. 203
20.1.5.RTC0ADR Autoincrement Feature......................................................... 203
20.2.SmaRTClock Clocking Sources ..................................................................... 206
20.2.1.Using the SmaRTClock Oscillator with a Crystal or
External CMOS Clock ............................................................................ 206
20.2.2.Using the SmaRTClock Oscillator in Self-Oscillate Mode...................... 206
20.2.3.Programmable Load Capacitance.......................................................... 207
20.2.4.Automatic Gain Control (Crystal Mode Only) and SmaRTClock
Bias Doubling ......................................................................................... 208
20.2.5.Missing SmaRTClock Detector .............................................................. 210
20.2.6.SmaRTClock Oscillator Crystal Valid Detector ...................................... 210
20.3.SmaRTClock Timer and Alarm Function ........................................................ 210
20.3.1.Setting and Reading the SmaRTClock Timer Value .............................. 210
20.3.2.Setting a SmaRTClock Alarm ................................................................ 211
20.3.3.Software Considerations for using the SmaRTClock Timer and Alarm . 211
21. Port Input/Output.................................................................................................. 216
21.1.Port I/O Modes of Operation........................................................................... 217
21.1.1.Port Pins Configured for Analog I/O....................................................... 217
21.1.2.Port Pins Configured For Digital I/O....................................................... 217
21.1.3.Interfacing Port I/O to 5 V and 3.3 V Logic............................................. 218
21.1.4.Increasing Port I/O Drive Strength ......................................................... 218
21.2.Assigning Port I/O Pins to Analog and Digital Functions................................ 218
21.2.1.Assigning Port I/O Pins to Analog Functions ......................................... 218
21.2.2.Assigning Port I/O Pins to Digital Functions........................................... 220
21.2.3.Assigning Port I/O Pins to External Digital Event Capture Functions .... 220
21.3.Priority Crossbar Decoder .............................................................................. 221
21.4.Port Match ...................................................................................................... 227


Similar Part No. - C8051F920-G-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F920-GM SILABS-C8051F920-GM Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
C8051F920-GM SILABS-C8051F920-GM Datasheet
2Mb / 330P
   Pipelined intstruction architecture executes 70 of instruction in 1 or 2 system clocks
C8051F920-GQ SILABS-C8051F920-GQ Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
C8051F920-GQ SILABS-C8051F920-GQ Datasheet
2Mb / 330P
   Pipelined intstruction architecture executes 70 of instruction in 1 or 2 system clocks
C8051F920-GQR SILABS-C8051F920-GQR Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
More results

Similar Description - C8051F920-G-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F920-GQR SILABS-C8051F920-GQR Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
C8051F912-D-GM SILABS-C8051F912-D-GM Datasheet
4Mb / 335P
   Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F91X SILABS-C8051F91X Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F41X SILABS-C8051F41X Datasheet
524Kb / 2P
   2.0 V, 32/16 kB, smaRTClock, 12-Bit ADC MCU
C8051F410 SILABS-C8051F410 Datasheet
3Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F410-GQR SILABS-C8051F410-GQR Datasheet
1Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F047 SILABS-C8051F047 Datasheet
410Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F010 SILABS-C8051F010 Datasheet
171Kb / 2P
   20 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com