Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F855-C-GM Datasheet(PDF) 6 Page - Silicon Laboratories

Part # C8051F855-C-GM
Description  Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F855-C-GM Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button C8051F855-C-GM Datasheet HTML 2Page - Silicon Laboratories C8051F855-C-GM Datasheet HTML 3Page - Silicon Laboratories C8051F855-C-GM Datasheet HTML 4Page - Silicon Laboratories C8051F855-C-GM Datasheet HTML 5Page - Silicon Laboratories C8051F855-C-GM Datasheet HTML 6Page - Silicon Laboratories C8051F855-C-GM Datasheet HTML 7Page - Silicon Laboratories C8051F855-C-GM Datasheet HTML 8Page - Silicon Laboratories C8051F855-C-GM Datasheet HTML 9Page - Silicon Laboratories C8051F855-C-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 328 page
background image
5
Rev. 1.0
20.4.1.Edge Aligned PWM152
20.4.2.Center Aligned PWM154
20.4.3. 8 to11-bit Pulse Width Modulator Modes156
20.4.4. 16-Bit Pulse Width Modulator Mode157
20.5.Comparator Clear Function158
20.6.PCA Control Registers159
21. Port I/O (Port 0, Port 1, Port 2, Crossbar, and Port Match)176
21.1.General Port I/O Initialization177
21.2.Assigning Port I/O Pins to Analog and Digital Functions178
21.2.1.Assigning Port I/O Pins to Analog Functions178
21.2.2.Assigning Port I/O Pins to Digital Functions178
21.2.3.Assigning Port I/O Pins to Fixed Digital Functions179
21.3.Priority Crossbar Decoder180
21.4.Port I/O Modes of Operation182
21.4.1.Configuring Port Pins For Analog Modes182
21.4.2.Configuring Port Pins For Digital Modes182
21.4.3.Port Drive Strength182
21.5.Port Match183
21.6.Direct Read/Write Access to Port I/O Pins183
21.7.Port I/O and Pin Configuration Control Registers184
22. Reset Sources and Supply Monitor202
22.1.Power-On Reset203
22.2.Power-Fail Reset / Supply Monitor204
22.3.Enabling the VDD Monitor204
22.4.External Reset205
22.5.Missing Clock Detector Reset205
22.6.Comparator0 Reset205
22.7.Watchdog Timer Reset205
22.8.Flash Error Reset205
22.9.Software Reset205
22.10.Reset Sources Control Registers206
22.11.Supply Monitor Control Registers207
23. Serial Peripheral Interface (SPI0)208
23.1.Signal Descriptions209
23.1.1.Master Out, Slave In (MOSI)209
23.1.2.Master In, Slave Out (MISO)209
23.1.3.Serial Clock (SCK)209
23.1.4.Slave Select (NSS)209
23.2.SPI0 Master Mode Operation210
23.3.SPI0 Slave Mode Operation212
23.4.SPI0 Interrupt Sources212
23.5.Serial Clock Phase and Polarity212
23.6.SPI Special Function Registers214
23.7.SPI Control Registers218
24. System Management Bus / I2C (SMBus0)222


Similar Part No. - C8051F855-C-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F855-C-GM SILABS-C8051F855-C-GM Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
More results

Similar Description - C8051F855-C-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F85X86X SILABS-C8051F85X86X Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
C8051F850-B-GM SILABS-C8051F850-B-GM Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
logo
STMicroelectronics
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
SIM3C1XX SILABS-SIM3C1XX Datasheet
2Mb / 90P
   High-Performance, Low-Power, 32-Bit Precision32??MCU Family with up to 256 kB of Flash
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com