Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F863-C-GS Datasheet(PDF) 4 Page - Silicon Laboratories

Part # C8051F863-C-GS
Description  Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F863-C-GS Datasheet(HTML) 4 Page - Silicon Laboratories

  C8051F863-C-GS Datasheet HTML 1Page - Silicon Laboratories C8051F863-C-GS Datasheet HTML 2Page - Silicon Laboratories C8051F863-C-GS Datasheet HTML 3Page - Silicon Laboratories C8051F863-C-GS Datasheet HTML 4Page - Silicon Laboratories C8051F863-C-GS Datasheet HTML 5Page - Silicon Laboratories C8051F863-C-GS Datasheet HTML 6Page - Silicon Laboratories C8051F863-C-GS Datasheet HTML 7Page - Silicon Laboratories C8051F863-C-GS Datasheet HTML 8Page - Silicon Laboratories C8051F863-C-GS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 328 page
background image
3
Rev. 1.0
8.2. Data Memory50
8.2.1. Internal RAM50
8.2.2. External RAM51
8.2.3. Special Function Registers51
9. Special Function Register Memory Map52
10. Flash Memory57
10.1.Security Options57
10.2.Programming the Flash Memory59
10.2.1.Flash Lock and Key Functions59
10.2.2.Flash Erase Procedure59
10.2.3.Flash Write Procedure59
10.3.Non-Volatile Data Storage60
10.4.Flash Write and Erase Guidelines60
10.4.1.Voltage Supply Maintenance and the Supply Monitor60
10.4.2.PSWE Maintenance60
10.4.3.System Clock61
10.5.Flash Control Registers62
11. Device Identification and Unique Identifier64
11.1.Device Identification Registers65
12. Interrupts68
12.1.MCU Interrupt Sources and Vectors68
12.1.1.Interrupt Priorities68
12.1.2.Interrupt Latency68
12.2.Interrupt Control Registers70
13. Power Management and Internal Regulator76
13.1.Power Modes76
13.1.1.Idle Mode76
13.1.2.Stop Mode77
13.2.LDO Regulator77
13.3.Power Control Registers77
13.4.LDO Control Registers78
14. Analog-to-Digital Converter (ADC0)79
14.1.ADC0 Analog Multiplexer80
14.2.ADC Operation81
14.2.1.Starting a Conversion81
14.2.2.Tracking Modes81
14.2.3.Burst Mode82
14.2.4.Settling Time Requirements83
14.2.5.Gain Setting84
14.3.8-Bit Mode84
14.4.12-Bit Mode84
14.5.Power Considerations85
14.6.Output Code Formatting87
14.7.Programmable Window Detector88
14.7.1.Window Detector In Single-Ended Mode88


Similar Part No. - C8051F863-C-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F863-C-GS SILABS-C8051F863-C-GS Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
More results

Similar Description - C8051F863-C-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F85X86X SILABS-C8051F85X86X Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
C8051F850-B-GM SILABS-C8051F850-B-GM Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
logo
STMicroelectronics
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
SIM3C1XX SILABS-SIM3C1XX Datasheet
2Mb / 90P
   High-Performance, Low-Power, 32-Bit Precision32??MCU Family with up to 256 kB of Flash
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com