Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23833-FX105-B001 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # V23833-FX105-B001
Description  XFP1310 nm Small Form Factor Module 10 Gigabit Pluggable Transceiver Compatible with XFP MSA Rev. 3.1
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23833-FX105-B001 Datasheet(HTML) 4 Page - Infineon Technologies AG

  V23833-FX105-B001 Datasheet HTML 1Page - Infineon Technologies AG V23833-FX105-B001 Datasheet HTML 2Page - Infineon Technologies AG V23833-FX105-B001 Datasheet HTML 3Page - Infineon Technologies AG V23833-FX105-B001 Datasheet HTML 4Page - Infineon Technologies AG V23833-FX105-B001 Datasheet HTML 5Page - Infineon Technologies AG V23833-FX105-B001 Datasheet HTML 6Page - Infineon Technologies AG V23833-FX105-B001 Datasheet HTML 7Page - Infineon Technologies AG V23833-FX105-B001 Datasheet HTML 8Page - Infineon Technologies AG V23833-FX105-B001 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
V23833-Fx105-B001
V23833-Fx105-B002
Pin Configuration
Preliminary Product Information
4
2004-06-04
Connector Pin Assignments
Pin No.
Signal Name
Pin No.
Signal Name
1GND
30
GND
2
V
EE5
29
TD+
3
MOD_DESEL
28
TD–
4
INTERRUPT
27
GND
5
TX_DIS
26
GND
6
V
CC5
25
REFCLK–
7
GND
24
REFCLK+
8
V
CC3
23
GND
9
V
CC3
22
V
CC2
10
SCL
21
P_DOWN
11
SDA
20
V
CC2
12
MOD_ABS
19
GND
13
MOD_NR
18
RD+
14
RX_LOS
17
RD–
15
GND
16
GND


Similar Part No. - V23833-FX105-B001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23833-F0005-B101 INFINEON-V23833-F0005-B101 Datasheet
724Kb / 26P
   XFP850 nm Small Form Factor Module 10 Gigabit Pluggable Transceiver Compatible with XFP MSA Rev. 3.1
2004-06-16
V23833-F0005-B101 INFINEON-V23833-F0005-B101 Datasheet
487Kb / 2P
   10 Gigabit XFP SerialHot-Pluggable Transceiver
2003
V23833-F0005-B102 INFINEON-V23833-F0005-B102 Datasheet
724Kb / 26P
   XFP850 nm Small Form Factor Module 10 Gigabit Pluggable Transceiver Compatible with XFP MSA Rev. 3.1
2004-06-16
V23833-F0105-B001 INFINEON-V23833-F0105-B001 Datasheet
487Kb / 2P
   10 Gigabit XFP SerialHot-Pluggable Transceiver
2003
V23833-F9909-Z001 INFINEON-V23833-F9909-Z001 Datasheet
487Kb / 2P
   10 Gigabit XFP SerialHot-Pluggable Transceiver
2003
More results

Similar Description - V23833-FX105-B001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23833-F0005-B101 INFINEON-V23833-F0005-B101 Datasheet
724Kb / 26P
   XFP850 nm Small Form Factor Module 10 Gigabit Pluggable Transceiver Compatible with XFP MSA Rev. 3.1
2004-06-16
V23833-G2005-A101 INFINEON-V23833-G2005-A101 Datasheet
840Kb / 27P
   XPAK 850 nm Module 10 Gigabit Pluggable Transceiver Compatible with XPAK MSA Rev. 2.3
2004-05-13
V23833-G2104-A001 INFINEON-V23833-G2104-A001 Datasheet
812Kb / 28P
   XPAK 1310 nm Module 10 Gigabit Pluggable Transceiver Compatible with XPAK MSA Rev. 2.3
2004-05-13
logo
Molex Electronics Ltd.
0747360221 MOLEX1-0747360221 Datasheet
55Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, PCI Heat Sink,
0747360213 MOLEX1-0747360213 Datasheet
55Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, Tall Heat Sink,
0747360222 MOLEX1-0747360222 Datasheet
55Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, SAN Heat Sink,
0747360449 MOLEX1-0747360449 Datasheet
37Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, PCI Heat Sink,
0747360212 MOLEX1-0747360212 Datasheet
54Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, SAN Heat Sink,
0747360230 MOLEX1-0747360230 Datasheet
47Kb / 1P
   Heat Sink Clip for XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible
0747360220 MOLEX1-0747360220 Datasheet
34Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, without Heat Sink or Clip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com