Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4312 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP4312
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4312 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP4312 Datasheet HTML 2Page - Diodes Incorporated AP4312 Datasheet HTML 3Page - Diodes Incorporated AP4312 Datasheet HTML 4Page - Diodes Incorporated AP4312 Datasheet HTML 5Page - Diodes Incorporated AP4312 Datasheet HTML 6Page - Diodes Incorporated AP4312 Datasheet HTML 7Page - Diodes Incorporated AP4312 Datasheet HTML 8Page - Diodes Incorporated AP4312 Datasheet HTML 9Page - Diodes Incorporated AP4312 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP4312
Document number: DS36797 Rev. 1 - 2
6 of 11
www.diodes.com
January 2014
© Diodes Incorporated
AP4312
A Product Line of
Diodes Incorporated
Performance Characteristics
Voltage Control Loop Reference
Current Control Loop Reference
vs. Ambient Temperature
vs. Ambient Temperature
Input Bias Current (VCTRL)
Current Out of Pin ICTRL at VSENSE
vs. Ambient Temperature
vs. Ambient Temperature
Transconductance of Voltage Control Loop
Transconductance of Current Control Loop
Op-Amp vs. Ambient Temperature
Op-Amp vs. Ambient Temperature
-20
0
20
40
60
80
100
120
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
V
CC
=1.7V
V
CC
=5V
V
CC
=18V
Ambient Temperature (
oC )
-40
-20
0
20
40
60
80
100
120
140
66
67
68
69
70
71
72
73
74
Ambient Temperature (
oC)
V
CC
=1.7V
V
CC
=5V
V
CC
=18V
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
Ambient Temperature (
oC )
V
CC
=1.7V
V
CC
=5V
V
CC
=18V
-20
0
20
40
60
80
100
120
10
12
14
16
18
20
22
24
Ambient Temperature (
oC )
V
CC
=1.7V
V
CC
=5V
V
CC
=18V
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
Ambient Temperature (
oC )
V
CC
=1.7V
V
CC
=5V
V
CC
=18V
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Ambient Temperature (
oC )
V
CC
=1.7V
V
CC
=5V
V
CC
=18V


Similar Part No. - AP4312

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312QK6TRG1 DIODES-AP4312QK6TRG1 Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - AP4312

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com