Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23834-L6-E3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # V23834-L6-E3
Description  SMCTM S, M, L, XL Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23834-L6-E3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  V23834-L6-E3 Datasheet HTML 1Page - Infineon Technologies AG V23834-L6-E3 Datasheet HTML 2Page - Infineon Technologies AG V23834-L6-E3 Datasheet HTML 3Page - Infineon Technologies AG V23834-L6-E3 Datasheet HTML 4Page - Infineon Technologies AG V23834-L6-E3 Datasheet HTML 5Page - Infineon Technologies AG V23834-L6-E3 Datasheet HTML 6Page - Infineon Technologies AG V23834-L6-E3 Datasheet HTML 7Page - Infineon Technologies AG V23834-L6-E3 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
V23834-L6-Ex
Technical Data
Data Sheet
3
2001-10-01
Technical Data
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
min.
max.
Operating Temperature
–20
70
°C
Storage/Shipping Temperature
–40
70
Connectors
Parameter
Limit Values
Unit
min.
typ.
max.
IL/per fiber, MM
1)
1)
Insertion Loss, multimode.
≤ 0.2
0.75
dB
CL/per fiber, SM
2)
2)
Connection Loss, singlemode, preliminary.
≤ 0.3
0.75
RL/per fiber, SM
3)
3)
Return Loss, singlemode, preliminary.
50
Durability/Matings
1000
times
Repeatability
≤ 0.2
∆dB
Cable Retention Force XL
100
N
Insertion Force
S, M, L
XL
13
18
18
30
Withdrawal Force
4
7
Flammability Class
UL94 V-1
Connector Dimensions
see Figure 1, Figure 2, Figure 3 mm
Ferrule Dimensions
8.0 x 6.4 x 2.45
Ferrule Endface
flat or angled polished (SM)
Housing Color
black or beige


Similar Part No. - V23834-L6-E3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23832-R111-M101 INFINEON-V23832-R111-M101 Datasheet
667Kb / 30P
   PAROLI 2 Tx AC, 1.6 Gbit/s
2003-11-19
V23832-R111-M101 INFINEON-V23832-R111-M101 Datasheet
668Kb / 30P
   PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
V23832-R111-M101 INFINEON-V23832-R111-M101 Datasheet
709Kb / 33P
   PAROLI 2 Tx AC, 1.25 Gbit/s
2003-11-19
V23832-R121-M101 INFINEON-V23832-R121-M101 Datasheet
667Kb / 30P
   PAROLI 2 Tx AC, 1.6 Gbit/s
2003-11-19
V23832-R121-M101 INFINEON-V23832-R121-M101 Datasheet
668Kb / 30P
   PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
More results

Similar Description - V23834-L6-E3

ManufacturerPart #DatasheetDescription
logo
Lapp.
53112005 LAPP-53112005 Datasheet
293Kb / 2P
   SKINTOP® MS-M-XL / MSR-M-XL
20.06.2023
logo
Infineon Technologies A...
V23867 INFINEON-V23867 Datasheet
178Kb / 6P
   SMCTM SB Connector Jumper
2001-12-01
logo
Lapp.
53113200 LAPP-53113200 Datasheet
135Kb / 2P
   SKINTOP® GRIP-M / GRIP-XL-M
09.09.2020
logo
Infineon Technologies A...
V23867-Z9999-W9XX INFINEON-V23867-Z9999-W9XX Datasheet
74Kb / 5P
   SMCTM Adapter
2000-11-01
logo
Lapp.
52106700 LAPP-52106700 Datasheet
160Kb / 2P
   SKINDICHT® SHZ-M / SHZ-M-XL
06.06.2023
52104330 LAPP-52104330 Datasheet
132Kb / 2P
   SKINDICHT® ZS-M / ZS-M-XL
12.06.2023
52106000 LAPP-52106000 Datasheet
190Kb / 2P
   SKINDICHT® ZSE-M / ZSE-M-XL
03.07.2018
logo
SparkFun Electronics
TOL-14693 SPARKFUN-TOL-14693 Datasheet
79Kb / 2P
   Shapeoko XL
6??5??8
logo
Cooper Bussmann, Inc.
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
   XL Fuse bases for XL Style photovoltaic fuse links
logo
Lapp.
52115700 LAPP-52115700 Datasheet
144Kb / 2P
   SKINTOP® MS-XL/ MSR-XL
03.07.2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com