Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23839-R35-L55 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # V23839-R35-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R35-L55 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button V23839-R35-L55 Datasheet HTML 3Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 4Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 5Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 6Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 7Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 8Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 9Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 10Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
V23839-R3x-L55
Description
Preliminary Product Information
7
2004-06-25
The receiver component converts the optical serial data into CML compatible electrical
data (RD+ and RD–). The Signal Detect (SD) shows whether an optical signal is present.
The transmitter converts CML compatible electrical serial data (TD+ and TD–) into
optical serial data. Data lines are differentially 100
Ω terminated.
The transmitter contains a laser driver circuit that drives the modulation and bias current
of the laser diode. The currents are controlled by a power control circuit to guarantee
constant output power of the laser over temperature and aging. The power control uses
the output of the monitor PIN diode (mechanically built into the laser coupling unit) as a
controlling signal, to prevent the laser power from exceeding the operating limits.
Single fault condition is ensured by means of an integrated automatic shutdown circuit
that disables the laser when it detects laser fault to guarantee the laser Eye Safety.
The transceiver contains a supervisory circuit to control the power supply. This circuit
makes an internal reset signal whenever the supply voltage drops below the reset
threshold. It keeps the reset signal active for at least 140 milliseconds after the voltage
has risen above the reset threshold. During this time the laser is inactive.
A low signal on TxDis enables transmitter. If TxDis is high or not connected the
transmitter is disabled.
An enhanced Digital Diagnostic Monitoring Interface (Intelligent) has been incorporated
into the Infineon SFF transceiver. This allows real time access to transceiver operating
parameters, based on the SFF-8472.
This transceiver features Internal Calibration. Measurements are calibrated over
operating temperature and voltage and must be interpreted as defined in SFF-8472.
The transceiver generates this diagnostic data by digitization of internal analog signals
monitored by a new diagnostic Integrated Circuit (IC).
This diagnostic IC has inbuilt sensors to include alarm and warning thresholds. These
threshold values are set during device manufacture and therefore allow the user to
determine when a particular value is outside of its operating range.
Alarm and Warning Flags are given. Alarm Flags indicate conditions likely to be
associated with an inoperational link and cause for immediate action. Warning Flags
indicate conditions outside the normally guaranteed bounds but not necessarily causes
of immediate link failures.
These enhanced features are in addition to the existing SFF features provided by the
manufacturer i.e. serial number and other vendor specific data.
The serial ID interface defines a 256 byte memory map in EEPROM, accessible over a
2 wire, serial interface at the 8 bit address 1010000X (A0h).
The Digital Diagnostic Monitoring Interface makes use of the 8 bit address 1010001X
(A2h), so the originally defined serial ID memory map remains unchanged and is
therefore backward compatible.


Similar Part No. - V23839-R35-L55

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23832-R111-M101 INFINEON-V23832-R111-M101 Datasheet
667Kb / 30P
   PAROLI 2 Tx AC, 1.6 Gbit/s
2003-11-19
V23832-R111-M101 INFINEON-V23832-R111-M101 Datasheet
668Kb / 30P
   PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
V23832-R111-M101 INFINEON-V23832-R111-M101 Datasheet
709Kb / 33P
   PAROLI 2 Tx AC, 1.25 Gbit/s
2003-11-19
V23832-R121-M101 INFINEON-V23832-R121-M101 Datasheet
667Kb / 30P
   PAROLI 2 Tx AC, 1.6 Gbit/s
2003-11-19
V23832-R121-M101 INFINEON-V23832-R121-M101 Datasheet
668Kb / 30P
   PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
More results

Similar Description - V23839-R35-L55

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23849-R35-C55 INFINEON-V23849-R35-C55 Datasheet
808Kb / 34P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
2004-06-28
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com