Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8BB22F16G-C-QFN28 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EFM8BB22F16G-C-QFN28
Description  The EFM8BB2 highlighted features are listed below
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8BB22F16G-C-QFN28 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EFM8BB22F16G-C-QFN28 Datasheet HTML 3Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 4Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 5Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 6Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 7Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 8Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 9Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 10Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
Timers (Timer 0, Timer 1, Timer 2, Timer 3, and Timer 4)
Several counter/timers are included in the device: two are 16-bit counter/timers compatible with those found in the standard 8051, and
the rest are 16-bit auto-reload timers for timing peripherals or for general purpose use. These timers can be used to measure time inter-
vals, count external events and generate periodic interrupt requests. Timer 0 and Timer 1 are nearly identical and have four primary
modes of operation. The other timers offer both 16-bit and split 8-bit timer functionality with auto-reload and capture capabilities.
Timer 0 and Timer 1 include the following features:
• Standard 8051 timers, supporting backwards-compatibility with firmware and hardware.
• Clock sources include SYSCLK, SYSCLK divided by 12, 4, or 48, the External Clock divided by 8, or an external pin.
• 8-bit auto-reload counter/timer mode
• 13-bit counter/timer mode
• 16-bit counter/timer mode
• Dual 8-bit counter/timer mode (Timer 0)
Timer 2, Timer 3 and Timer 4 are 16-bit timers including the following features:
• Clock sources for all timers include SYSCLK, SYSCLK divided by 12, or the External Clock divided by 8.
• LFOSC0 divided by 8 may be used to clock Timer 3 and Timer 4 in active or suspend/snooze power modes.
• Timer 4 is a low-power wake source, and can be chained together with Timer 3
• 16-bit auto-reload timer mode
• Dual 8-bit auto-reload timer mode
• External pin capture
• LFOSC0 capture
• Comparator 0 capture
Watchdog Timer (WDT0)
The device includes a programmable watchdog timer (WDT) running off the low-frequency oscillator. A WDT overflow forces the MCU
into the reset state. To prevent the reset, the WDT must be restarted by application software before overflow. If the system experiences
a software or hardware malfunction preventing the software from restarting the WDT, the WDT overflows and causes a reset. Following
a reset, the WDT is automatically enabled and running with the default maximum time interval. If needed, the WDT can be disabled by
system software or locked on to prevent accidental disabling. Once locked, the WDT cannot be disabled until the next system reset.
The state of the RST pin is unaffected by this reset.
The Watchdog Timer has the following features:
• Programmable timeout interval
• Runs from the low-frequency oscillator
• Lock-out feature to prevent any modification until a system reset
3.6 Communications and Other Digital Peripherals
Universal Asynchronous Receiver/Transmitter (UART0)
UART0 is an asynchronous, full duplex serial port offering modes 1 and 3 of the standard 8051 UART. Enhanced baud rate support
allows a wide range of clock sources to generate standard baud rates. Received data buffering allows UART0 to start reception of a
second incoming data byte before software has finished reading the previous data byte.
The UART module provides the following features:
• Asynchronous transmissions and receptions
• Baud rates up to SYSCLK/2 (transmit) or SYSCLK/8 (receive)
• 8- or 9-bit data
• Automatic start and stop generation
• Single-byte buffer on transmit and receive
EFM8BB2 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 6


Similar Part No. - EFM8BB22F16G-C-QFN28

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB22F16G-C-QFN28 SILABS-EFM8BB22F16G-C-QFN28 Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB22F16G-C-QFN28 SILABS-EFM8BB22F16G-C-QFN28 Datasheet
238Kb / 7P
   The addition of automotive devices in the product selection table and ordering information
EFM8BB22F16G-C-QFN28R SILABS-EFM8BB22F16G-C-QFN28R Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB22F16G-C-QFN28R SILABS-EFM8BB22F16G-C-QFN28R Datasheet
238Kb / 7P
   The addition of automotive devices in the product selection table and ordering information
More results

Similar Description - EFM8BB22F16G-C-QFN28

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com