Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8BB22F16G-C-QFN28 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EFM8BB22F16G-C-QFN28
Description  The EFM8BB2 highlighted features are listed below
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8BB22F16G-C-QFN28 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EFM8BB22F16G-C-QFN28 Datasheet HTML 5Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 6Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 7Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 8Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 9Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 10Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 11Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 12Page - Silicon Laboratories EFM8BB22F16G-C-QFN28 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
I2C Slave (I2CSLAVE0)
The I2C Slave interface is a 2-wire, bidirectional serial bus that is compatible with the I2C Bus Specification 3.0. It is capable of transfer-
ring in high-speed mode (HS-mode) at speeds of up to 3.4 Mbps. Firmware can write to the I2C interface, and the I2C interface can
autonomously control the serial transfer of data. The interface also supports clock stretching for cases where the core may be tempora-
rily prohibited from transmitting a byte or processing a received byte during an I2C transaction. This module operates only as an I2C
slave device.
The I2C module includes the following features:
• Standard (up to 100 kbps), Fast (400 kbps), Fast Plus (1 Mbps), and High-speed (3.4 Mbps) transfer speeds
• Support for slave mode only
• Clock low extending (clock stretching) to interface with faster masters
• Hardware support for 7-bit slave address recognition
16-bit CRC (CRC0)
The cyclic redundancy check (CRC) module performs a CRC using a 16-bit polynomial. CRC0 accepts a stream of 8-bit data and posts
the 16-bit result to an internal register. In addition to using the CRC block for data manipulation, hardware can automatically CRC the
flash contents of the device.
The CRC module is designed to provide hardware calculations for flash memory verification and communications protocols. The CRC
module supports the standard CCITT-16 16-bit polynomial (0x1021), and includes the following features:
• Support for CCITT-16 polynomial
• Byte-level bit reversal
• Automatic CRC of flash contents on one or more 256-byte blocks
• Initial seed selection of 0x0000 or 0xFFFF
3.7 Analog
12-Bit Analog-to-Digital Converter (ADC0)
The ADC is a successive-approximation-register (SAR) ADC with 12-, 10-, and 8-bit modes, integrated track-and hold and a program-
mable window detector. The ADC is fully configurable under software control via several registers. The ADC may be configured to
measure different signals using the analog multiplexer. The voltage reference for the ADC is selectable between internal and external
reference sources.
• Up to 20 external inputs.
• Single-ended 12-bit and 10-bit modes.
• Supports an output update rate of 200 ksps samples per second in 12-bit mode or 800 ksps samples per second in 10-bit mode.
• Operation in low power modes at lower conversion speeds.
• Asynchronous hardware conversion trigger, selectable between software, external I/O and internal timer sources.
• Output data window comparator allows automatic range checking.
• Support for burst mode, which produces one set of accumulated data per conversion-start trigger with programmable power-on set-
tling and tracking time.
• Conversion complete and window compare interrupts supported.
• Flexible output data formatting.
• Includes an internal fast-settling reference with two levels (1.65 V and 2.4 V) and support for external reference and signal ground.
• Integrated temperature sensor.
EFM8BB2 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 8


Similar Part No. - EFM8BB22F16G-C-QFN28

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB22F16G-C-QFN28 SILABS-EFM8BB22F16G-C-QFN28 Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB22F16G-C-QFN28 SILABS-EFM8BB22F16G-C-QFN28 Datasheet
238Kb / 7P
   The addition of automotive devices in the product selection table and ordering information
EFM8BB22F16G-C-QFN28R SILABS-EFM8BB22F16G-C-QFN28R Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB22F16G-C-QFN28R SILABS-EFM8BB22F16G-C-QFN28R Datasheet
238Kb / 7P
   The addition of automotive devices in the product selection table and ordering information
More results

Similar Description - EFM8BB22F16G-C-QFN28

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com