Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8SB2 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EFM8SB2
Description  The EFM8SB2 highlighted features are listed below
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8SB2 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EFM8SB2 Datasheet HTML 5Page - Silicon Laboratories EFM8SB2 Datasheet HTML 6Page - Silicon Laboratories EFM8SB2 Datasheet HTML 7Page - Silicon Laboratories EFM8SB2 Datasheet HTML 8Page - Silicon Laboratories EFM8SB2 Datasheet HTML 9Page - Silicon Laboratories EFM8SB2 Datasheet HTML 10Page - Silicon Laboratories EFM8SB2 Datasheet HTML 11Page - Silicon Laboratories EFM8SB2 Datasheet HTML 12Page - Silicon Laboratories EFM8SB2 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
External Memory Interface (EMIF0)
The External Memory Interface (EMIF) enables access of off-chip memories and memory-mapped devices connected to the GPIO
ports. The external memory space may be accessed using the external move instruction (MOVX) with the target address specified in
either 8-bit or 16-bit formats.
• Supports multiplexed memory access.
• Four external memory modes:
• Internal only.
• Split mode without bank select.
• Split mode with bank select.
• External only
• Configurable ALE (address latch enable) timing.
• Configurable address setup and hold times.
• Configurable write and read pulse widths.
16/32-bit CRC (CRC0)
The cyclic redundancy check (CRC) module performs a CRC using a 16-bit or 32-bit polynomial. CRC0 accepts a stream of 8-bit data
and posts the result to an internal register. In addition to using the CRC block for data manipulation, hardware can automatically CRC
the flash contents of the device.
The CRC module is designed to provide hardware calculations for flash memory verification and communications protocols. The CRC
module includes the following features:
• Support for CCITT-16 polynomial (0x1021).
• Support for CRC-32 polynomial (0x04C11DB7).
• Byte-level bit reversal.
• Automatic CRC of flash contents on one or more 1024-byte blocks.
• Initial seed selection of 0x0000/0x00000000 or 0xFFFF/0xFFFFFFFF.
3.7 Analog
Programmable Current Reference (IREF0)
The programmable current reference (IREF0) module enables current source or sink with two output current settings: Low Power Mode
and High Current Mode. The maximum current output in Low Power Mode is 63 µA (1 µA steps) and the maximum current output in
High Current Mode is 504 µA (8 µA steps).
The IREF module includes the following features:
• Capable of sourcing or sinking current in programmable steps.
• Two operational modes: Low Power Mode and High Current Mode.
EFM8SB2 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 8


Similar Part No. - EFM8SB2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8SB1-SLSTK2010A SILABS-EFM8SB1-SLSTK2010A Datasheet
1Mb / 23P
   EFM8SB10F8G MCU with 8 kB Flash and 512 bytes RAM
Rev. 0.3
EFM8SB10F2G-A-QFN20 SILABS-EFM8SB10F2G-A-QFN20 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8SB10F2G-A-QFN20 SILABS-EFM8SB10F2G-A-QFN20 Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
EFM8SB10F2G-A-QFN20R SILABS-EFM8SB10F2G-A-QFN20R Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
More results

Similar Description - EFM8SB2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com