Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8LB12F32E-A-QSOP24 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFM8LB12F32E-A-QSOP24
Description  The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8LB12F32E-A-QSOP24 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFM8LB12F32E-A-QSOP24 Datasheet HTML 1Page - Silicon Laboratories EFM8LB12F32E-A-QSOP24 Datasheet HTML 2Page - Silicon Laboratories EFM8LB12F32E-A-QSOP24 Datasheet HTML 3Page - Silicon Laboratories EFM8LB12F32E-A-QSOP24 Datasheet HTML 4Page - Silicon Laboratories EFM8LB12F32E-A-QSOP24 Datasheet HTML 5Page - Silicon Laboratories EFM8LB12F32E-A-QSOP24 Datasheet HTML 6Page - Silicon Laboratories EFM8LB12F32E-A-QSOP24 Datasheet HTML 7Page - Silicon Laboratories EFM8LB12F32E-A-QSOP24 Datasheet HTML 8Page - Silicon Laboratories EFM8LB12F32E-A-QSOP24 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
2. Ordering Information
EFM8 LB1
2 F 64 E
A QFN32 R
Tape and Reel (Optional)
Package Type
Revision
Temperature Grade E (-40 to +105)
Flash Memory Size – 64 KB
Memory Type (Flash)
Family Feature Set
Laser Bee 1 Family
Silicon Labs EFM8 Product Line
Figure 2.1. EFM8LB1 Part Numbering
All EFM8LB1 family members have the following features:
• CIP-51 Core running up to 72 MHz
• Three Internal Oscillators (72 MHz, 24.5 MHz and 80 kHz)
• SMBus
• I2C Slave
• SPI
• 2 UARTs
• 6-Channel Programmable Counter Array (PWM, Clock Generation, Capture/Compare)
• Six 16-bit Timers
• Four Configurable Logic Units
• 14-bit Analog-to-Digital Converter with integrated multiplexer, voltage reference, temperature sensor, channel sequencer, and direct-
to-XRAM data transfer
• Two Analog Comparators
• 16-bit CRC Unit
• AEC-Q100 qualified (pending)
In addition to these features, each part number in the EFM8LB1 family has a set of features that vary across the product line. The
product selection guide shows the features available on each family member.
Table 2.1. Product Selection Guide
EFM8LB12F64E-A-QFN32
64
4352
29
20
4
10
9
Yes
-40 to +105 °C QFN32
EFM8LB12F64E-A-QFP32
64
4352
28
20
4
10
9
Yes
-40 to +105 °C QFP32
EFM8LB12F64E-A-QFN24
64
4352
20
12
4
6
6
Yes
-40 to +105 °C QFN24
EFM8LB12F64E-A-QSOP24
64
4352
21
13
4
6
7
Yes
-40 to +105 °C QSOP24
EFM8LB1 Data Sheet
Ordering Information
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.4 | 2


Similar Part No. - EFM8LB12F32E-A-QSOP24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8LB12F32E-B-QFN24 SILABS-EFM8LB12F32E-B-QFN24 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFN24R SILABS-EFM8LB12F32E-B-QFN24R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFN32 SILABS-EFM8LB12F32E-B-QFN32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFN32R SILABS-EFM8LB12F32E-B-QFN32R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFP32 SILABS-EFM8LB12F32E-B-QFP32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8LB12F32E-A-QSOP24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Freescale Semiconductor...
S912XEP100J5MAG FREESCALE-S912XEP100J5MAG Datasheet
8Mb / 1324P
   Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com