Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8LB11F32E-A-QFN24 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EFM8LB11F32E-A-QFN24
Description  The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8LB11F32E-A-QFN24 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EFM8LB11F32E-A-QFN24 Datasheet HTML 6Page - Silicon Laboratories EFM8LB11F32E-A-QFN24 Datasheet HTML 7Page - Silicon Laboratories EFM8LB11F32E-A-QFN24 Datasheet HTML 8Page - Silicon Laboratories EFM8LB11F32E-A-QFN24 Datasheet HTML 9Page - Silicon Laboratories EFM8LB11F32E-A-QFN24 Datasheet HTML 10Page - Silicon Laboratories EFM8LB11F32E-A-QFN24 Datasheet HTML 11Page - Silicon Laboratories EFM8LB11F32E-A-QFN24 Datasheet HTML 12Page - Silicon Laboratories EFM8LB11F32E-A-QFN24 Datasheet HTML 13Page - Silicon Laboratories EFM8LB11F32E-A-QFN24 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
I2C Slave (I2CSLAVE0)
The I2C Slave interface is a 2-wire, bidirectional serial bus that is compatible with the I2C Bus Specification 3.0. It is capable of transfer-
ring in high-speed mode (HS-mode) at speeds of up to 3.4 Mbps. Firmware can write to the I2C interface, and the I2C interface can
autonomously control the serial transfer of data. The interface also supports clock stretching for cases where the core may be tempora-
rily prohibited from transmitting a byte or processing a received byte during an I2C transaction. This module operates only as an I2C
slave device.
The I2C module includes the following features:
• Standard (up to 100 kbps), Fast (400 kbps), Fast Plus (1 Mbps), and High-speed (3.4 Mbps) transfer speeds
• Support for slave mode only
• Clock low extending (clock stretching) to interface with faster masters
• Hardware support for 7-bit slave address recognition
• Hardware support for multiple slave addresses with the option to save the matching address in the receive FIFO
16-bit CRC (CRC0)
The cyclic redundancy check (CRC) module performs a CRC using a 16-bit polynomial. CRC0 accepts a stream of 8-bit data and posts
the 16-bit result to an internal register. In addition to using the CRC block for data manipulation, hardware can automatically CRC the
flash contents of the device.
The CRC module is designed to provide hardware calculations for flash memory verification and communications protocols. The CRC
module supports the standard CCITT-16 16-bit polynomial (0x1021), and includes the following features:
• Support for CCITT-16 polynomial
• Byte-level bit reversal
• Automatic CRC of flash contents on one or more 256-byte blocks
• Initial seed selection of 0x0000 or 0xFFFF
Configurable Logic Units (CLU0, CLU1, CLU2, and CLU3)
The Configurable Logic block consists of multiple Configurable Logic Units (CLUs). CLUs are flexible logic functions which may be used
for a variety of digital functions, such as replacing system glue logic, aiding in the generation of special waveforms, or synchronizing
system event triggers.
• Four configurable logic units (CLUs), with direct-pin and internal logic connections
• Each unit supports 256 different combinatorial logic functions (AND, OR, XOR, muxing, etc.) and includes a clocked flip-flop for syn-
chronous operations
• Units may be operated synchronously or asynchronously
• May be cascaded together to perform more complicated logic functions
• Can operate in conjunction with serial peripherals such as UART and SPI or timing peripherals such as timers and PCA channels
• Can be used to synchronize and trigger multiple on-chip resources (ADC, DAC, Timers, etc.)
• Asynchronous output may be used to wake from low-power states
EFM8LB1 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.4 | 9


Similar Part No. - EFM8LB11F32E-A-QFN24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8LB11F32E-B-QFN24 SILABS-EFM8LB11F32E-B-QFN24 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB11F32E-B-QFN24R SILABS-EFM8LB11F32E-B-QFN24R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB11F32E-B-QFN32 SILABS-EFM8LB11F32E-B-QFN32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB11F32E-B-QFN32R SILABS-EFM8LB11F32E-B-QFN32R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB11F32E-B-QFP32 SILABS-EFM8LB11F32E-B-QFP32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8LB11F32E-A-QFN24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Freescale Semiconductor...
S912XEP100J5MAG FREESCALE-S912XEP100J5MAG Datasheet
8Mb / 1324P
   Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com