Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8UB20F32G-A-QFP48 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # EFM8UB20F32G-A-QFP48
Description  The EFM8UB2 highlighted features are listed below
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8UB20F32G-A-QFP48 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button EFM8UB20F32G-A-QFP48 Datasheet HTML 4Page - Silicon Laboratories EFM8UB20F32G-A-QFP48 Datasheet HTML 5Page - Silicon Laboratories EFM8UB20F32G-A-QFP48 Datasheet HTML 6Page - Silicon Laboratories EFM8UB20F32G-A-QFP48 Datasheet HTML 7Page - Silicon Laboratories EFM8UB20F32G-A-QFP48 Datasheet HTML 8Page - Silicon Laboratories EFM8UB20F32G-A-QFP48 Datasheet HTML 9Page - Silicon Laboratories EFM8UB20F32G-A-QFP48 Datasheet HTML 10Page - Silicon Laboratories EFM8UB20F32G-A-QFP48 Datasheet HTML 11Page - Silicon Laboratories EFM8UB20F32G-A-QFP48 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
System Management Bus / I2C (SMB0 and SMB1)
The SMBus I/O interface is a two-wire, bi-directional serial bus. The SMBus is compliant with the System Management Bus Specifica-
tion, version 1.1, and compatible with the I2C serial bus.
The SMBus modules include the following features:
• Standard (up to 100 kbps) and Fast (400 kbps) transfer speeds.
• Support for master, slave, and multi-master modes.
• Hardware synchronization and arbitration for multi-master mode.
• Clock low extending (clock stretching) to interface with faster masters.
• Hardware support for 7-bit slave and general call address recognition.
• Firmware support for 10-bit slave address decoding.
• Ability to inhibit all slave states.
• Programmable data setup/hold times.
External Memory Interface (EMIF0)
The External Memory Interface (EMIF) enables access of off-chip memories and memory-mapped devices connected to the GPIO
ports. The external memory space may be accessed using the external move instruction (MOVX) with the target address specified in
either 8-bit or 16-bit formats.
• Supports multiplexed and non-multiplexed memory access.
• Four external memory modes:
• Internal only.
• Split mode without bank select.
• Split mode with bank select.
• External only
• Configurable ALE (address latch enable) timing.
• Configurable address setup and hold times.
• Configurable write and read pulse widths.
3.7 Analog
10-Bit Analog-to-Digital Converter (ADC0)
The ADC is a successive-approximation-register (SAR) ADC with 10-bit mode, integrated track-and hold and a programmable window
detector. The ADC is fully configurable under software control via several registers. The ADC may be configured to measure different
signals using the analog multiplexer. The voltage reference for the ADC is selectable between internal and external reference sources.
The ADC module is a Successive Approximation Register (SAR) Analog to Digital Converter (ADC). The key features of this ADC mod-
ule are:
• Up to 32 external inputs.
• Differential or Single-ended 10-bit operation.
• Supports an output update rate of 500 ksps samples per second.
• Asynchronous hardware conversion trigger, selectable between software, external I/O and internal timer sources.
• Output data window comparator allows automatic range checking.
• Two tracking mode options with programmable tracking time.
• Conversion complete and window compare interrupts supported.
• Flexible output data formatting.
• Voltage reference selectable from external reference pin, on-chip precision reference (driven externally on reference pin), or VDD
supply.
• Integrated temperature sensor.
EFM8UB2 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 7


Similar Part No. - EFM8UB20F32G-A-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8UB20F32G-A-QFP48 SILABS-EFM8UB20F32G-A-QFP48 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8UB20F32G-A-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com