Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32G222F128-QFP48 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EFM32G222F128-QFP48
Description  Wake-up Interrupt Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32G222F128-QFP48 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EFM32G222F128-QFP48 Datasheet HTML 6Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 7Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 8Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 9Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 10Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 11Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 12Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 13Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
...the world's most energy friendly microcontrollers
2015-05-22 - EFM32G222FXX - d0033_Rev1.90
10
www.silabs.com
3.4 Current Consumption
Table 3.3. Current Consumption
Symbol
Parameter
Condition
Min
Typ
Max
Unit
32 MHz HFXO, all peripheral
clocks disabled, VDD= 3.0 V
180
µA/
MHz
28 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
181
206
µA/
MHz
21 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
183
207
µA/
MHz
14 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
185
211
µA/
MHz
11 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
186
215
µA/
MHz
6.6 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
191
218
µA/
MHz
IEM0
EM0 current. No
prescaling. Running
prime number cal-
culation code from
Flash. (Production
test condition = 14
MHz)
1.2 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
220
µA/
MHz
32 MHz HFXO, all peripheral
clocks disabled, VDD= 3.0 V
45
µA/
MHz
28 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
47
62
µA/
MHz
21 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
48
64
µA/
MHz
14 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
50
69
µA/
MHz
11 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
51
72
µA/
MHz
6.6 MHz HFRCO, all peripheral
clocks disabled, VDD= 3.0 V
56
83
µA/
MHz
IEM1
EM1 current (Pro-
duction test condi-
tion = 14 MHz)
1.2 MHz HFRCO. all peripheral
clocks disabled, VDD= 3.0 V
103
µA/
MHz
EM2 current with RTC
prescaled to 1 Hz, 32.768
kHz LFRCO, VDD= 3.0 V,
TAMB=25°C
0.9
1.5
µA
IEM2
EM2 current
EM2 current with RTC
prescaled to 1 Hz, 32.768
kHz LFRCO, VDD= 3.0 V,
TAMB=85°C
3.0
6.0
µA
VDD= 3.0 V, TAMB=25°C
0.59
1.0
µA
IEM3
EM3 current
VDD= 3.0 V, TAMB=85°C
2.75
5.8
µA
VDD= 3.0 V, TAMB=25°C
0.02
0.045
µA
IEM4
EM4 current
VDD= 3.0 V, TAMB=85°C
0.25
0.7
µA


Similar Part No. - EFM32G222F128-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G222F128-QFP48 SILABS-EFM32G222F128-QFP48 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32G222F128-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G880 SILABS-EFM32G880 Datasheet
1Mb / 75P
   Wake-up Interrupt Controller
EFM32G230 SILABS-EFM32G230 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G290 SILABS-EFM32G290 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G842 SILABS-EFM32G842 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G890 SILABS-EFM32G890 Datasheet
1Mb / 74P
   Wake-up Interrupt Controller
EFM32G232 SILABS-EFM32G232 Datasheet
1Mb / 69P
   Wake-up Interrupt Controller
logo
ATMEL Corporation
ATMEGA103L ATMEL-ATMEGA103L_14 Datasheet
46Kb / 4P
   Wake-up from Power Save Executes Instructions before Interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com