Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR34150MTRG1 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # APR34150MTRG1
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34150MTRG1 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button APR34150MTRG1 Datasheet HTML 2Page - Diodes Incorporated APR34150MTRG1 Datasheet HTML 3Page - Diodes Incorporated APR34150MTRG1 Datasheet HTML 4Page - Diodes Incorporated APR34150MTRG1 Datasheet HTML 5Page - Diodes Incorporated APR34150MTRG1 Datasheet HTML 6Page - Diodes Incorporated APR34150MTRG1 Datasheet HTML 7Page - Diodes Incorporated APR34150MTRG1 Datasheet HTML 8Page - Diodes Incorporated APR34150MTRG1 Datasheet HTML 9Page - Diodes Incorporated APR34150MTRG1 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
APR34150
Document number: DS37985 Rev. 2 - 2
6 of 10
www.diodes.com
October 2015
© Diodes Incorporated
APR34150
Operation Description (Cont.)
Minimum On Time
When the controlled MOSFET gate is turned on, some ringing noise is generated. The minimum on-time timer blanks the VTHOFF comparator,
keeping the controlled MOSFET on for at least the minimum on time. If VTHOFF falls below the threshold before minimum on time expires, the
MOSFET will keep on until the end of the minimum on time.
The minimum on time is in direct proportion to the (VDET-VCC)*tONP. When (VDET-VCC)*tONP=5V*5μs, the minimum on time is about 1.8μs.
The Value and Meaning of AREF Resistor
As to DCM operation Flyback converter, after secondary rectifier stop conduction the primary MOSFET Drain-to-source ringing waveform is
resulted from the resonant of primary inductance and equivalent switch device output capacitance. This ringing waveform probably leads to
Synchronous Rectifier error conduction. To avoid this fault happening, APR34150 has a special function design by means of volt-second product
detecting. From the sensed voltage of VDET pin to see, the volt-second product of voltage above VCC at primary switch on time is much higher
than the volt-second product of each cycle ringing voltage above VCC. Therefore, before every time Synchronous Rectifier turning on, APR34150
judges if the detected volt-second product of VDET voltage above VCC is higher than a threshold and then turn on synchronous Rectifier. The
purpose of AREF resistor is to determine the volt-second product threshold. APR34150 has a parameter, Kqs, which converts RAREF value to volt-
second product,
Kqs
*
R
2
Area
AREF
In general, Area1 and Area3, the value of which should be test on system, depend on system design and are always fixed after system design
frozen. As to BCD PSR design, the Area1 value changes with primary peak current value and Area3 value generally keeps constant at all
conditions. So the AREF resistor design should consider the worst case, the minimum primary peak current condition. Since of system design
parameter distribution, Areas1 and Area3 have moderate tolerance. So Aarea2 should be designed between the middle of Area1 and Area3 to
keep enough design margin.
Area1
Kqs
*
R
3
Area
AREF
VDET
VCC
Area3
Area1=(VDET-VCC)*tONP
Area2=Kqs*RAREF
Figure 2. AREF Function
SR Minimum Operating Voltage
APR34150 sets a minimum SR operating voltage by comparing the difference between VDET and output voltage (VCC). The value of VDET–VCC must
be higher than its internal reference, then APR34150 will begin to integrate the area of (VDET–VCC)*tONP. If not, the area integrating will not begin
and the SR driver will be disabled.
SR Turning off Timing Impact on PSR CV Sampling
As to synchronous rectification on Flyback power system, SR MOSFET need to turn off in advance of secondary side current decreasing to zero to
avoid current flowing reversely. When SR turns off in advance, the secondary current will flow through the body diode. The SR turning off time is
determined by the VTHOFF at a fixed system. When VTHOFF is more close to zero, the SR turning on time gets longer and body diode conduction time
gets shorter. Since of the different voltage drop between SR MOSFET and body diode, the PSR feedback signal VFB appears a voltage jump at the
time of SR MOSFET turning off. If the PSR CV sampling time tSAMPLE is close to even behind this voltage jump time, there will be system unstable
operation issue or the lower output voltage issue.


Similar Part No. - APR34150MTRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR3415 DIODES-APR3415 Datasheet
548Kb / 13P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
APR3415B DIODES-APR3415B Datasheet
513Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
APR3415BMTR-G1 DIODES-APR3415BMTR-G1 Datasheet
513Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
APR3415C DIODES-APR3415C Datasheet
542Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
APR3415CMTR-G1 DIODES-APR3415CMTR-G1 Datasheet
542Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
More results

Similar Description - APR34150MTRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR34309CA DIODES-APR34309CA Datasheet
501Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
APR34309C DIODES-APR34309C Datasheet
592Kb / 13P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
APR34309 DIODES-APR34309 Datasheet
520Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
June 2015 Rev. 3 - 2
APR34509 DIODES-APR34509 Datasheet
412Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
APR3415 DIODES-APR3415 Datasheet
548Kb / 13P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
APR34709 DIODES-APR34709 Datasheet
752Kb / 13P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
June 2022
APR3415B DIODES-APR3415B Datasheet
513Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
APR3415C DIODES-APR3415C Datasheet
542Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
APR34330C DIODES-APR34330C Datasheet
795Kb / 13P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
July 2022
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com