Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS39903 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APS39903
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR SWITCHER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APS39903 Datasheet(HTML) 1 Page - Diodes Incorporated

  APS39903 Datasheet HTML 1Page - Diodes Incorporated APS39903 Datasheet HTML 2Page - Diodes Incorporated APS39903 Datasheet HTML 3Page - Diodes Incorporated APS39903 Datasheet HTML 4Page - Diodes Incorporated APS39903 Datasheet HTML 5Page - Diodes Incorporated APS39903 Datasheet HTML 6Page - Diodes Incorporated APS39903 Datasheet HTML 7Page - Diodes Incorporated APS39903 Datasheet HTML 8Page - Diodes Incorporated APS39903 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
APS39903
Document number: DS37226 Rev. 2 - 2
1 of 17
www.diodes.com
October 2014
© Diodes Incorporated
APS39903
A Product Line of
Diodes Incorporated
PUMP EXPRESS
TM COMPATIBLE AC/DC PSR SWITCHER
Description
The APS39903 is a high accuracy and low cost switching mode
power supply switcher for battery charger/adapter applications. It is
consists of a primary side regulation controller and a high voltage
transistor. The controller regulates the output voltage and current in
the primary side by piece-wise Pulse Frequency Modulation (p-PFM)
in discontinuous conduction mode (DCM). The switcher uses adaptive
source current to optimize driving current to reduce driving loss. The
system operating frequency reduces linearly from heavy load to light
load in each interval of the p-PFM, and enters constant current mode
when the load current is equal to the maximum system output current.
The output voltage and output current limit of APS39903 can be
adjusted based on the patterns of load current aligned to MTK Pump
Express protocol.
The APS39903 provides operating frequency Jitter function from light
to full load range to improve the power supply EMI performance. The
APS39903 also has built-in fixed cable voltage drop compensation
(6% of nominal system output voltage) and adjustable line voltage
compensation.
The APS39903 can work individually to achieve Ultra-Low standby
power under 5V output.
The APS39903 is packaged in SO-7.
Applications
Adapters/Chargers
Pin Assignments
(Top View)
1
2
3
4
7
6
5
FB
VCC
GND
C
C
CS
CPC
SO-7
Features
 Compatible to MediaTek Pump ExpressTM Protocol
 Ultra-Low Standby Power Consumption
 Built-in NPN Transistor with 700V
CBO
 Valley-turn On to Reduce Switching Loss and Benefit for EMI
 Piece-wise Frequency Reduction to Enhance Conversion Efficiency
and Suppress Audio Noise
 ±5% Constant Voltage Accuracy for 5V Output
 Audio Noise Suppression
 Open Circuit Protection (OCkP)
 Current Sense Resistor Short Protection
 Over Voltage Protection (OVP)
 Over Temperature Protection (OTP)
 Short Circuit Protection (SCP) with Hiccup
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - APS39903

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
APS3008S-R PUI-APS3008S-R Datasheet
259Kb / 1P
   RELEASED FROM ENGINEERING
logo
Kingbright Corporation
APS3227SP1C-P22 KINGBRIGHT-APS3227SP1C-P22 Datasheet
241Kb / 3P
   Ambient Light Photo Sensor
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602S29P8 ANADIGICS-APS3602S29P8 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
More results

Similar Description - APS39903

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3790 DIODES-AP3790 Datasheet
591Kb / 17P
   PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
Maxic Technology Corpor...
MT7943 MAXIC-MT7943 Datasheet
156Kb / 1P
   High Precision, Dual Winding PSR AC-DC LED Driver
MT7944D MAXIC-MT7944D Datasheet
154Kb / 1P
   High Precision, Dual Winding PSR AC-DC LED Driver
logo
Unisonic Technologies
UPSL1630 UTC-UPSL1630 Datasheet
199Kb / 7P
   PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE
logo
Maxic Technology Corpor...
MT7941 MAXIC-MT7941 Datasheet
156Kb / 1P
   High Precision, Dual Winding PSR AC-DC LED Driver
MT7946 MAXIC-MT7946 Datasheet
154Kb / 1P
   High Precision, Dual Winding PSR AC-DC LED Driver
MT7942 MAXIC-MT7942 Datasheet
156Kb / 1P
   High Precision, Dual Winding PSR AC-DC LED Driver
logo
List of Unclassifed Man...
FT8260 ETC2-FT8260 Datasheet
444Kb / 16P
   PSR Single-Stage AC-DC LED Driver with High PF
logo
Unisonic Technologies
UPSD1630 UTC-UPSD1630 Datasheet
198Kb / 6P
   PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com