Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS39903 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APS39903
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR SWITCHER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APS39903 Datasheet(HTML) 2 Page - Diodes Incorporated

  APS39903 Datasheet HTML 1Page - Diodes Incorporated APS39903 Datasheet HTML 2Page - Diodes Incorporated APS39903 Datasheet HTML 3Page - Diodes Incorporated APS39903 Datasheet HTML 4Page - Diodes Incorporated APS39903 Datasheet HTML 5Page - Diodes Incorporated APS39903 Datasheet HTML 6Page - Diodes Incorporated APS39903 Datasheet HTML 7Page - Diodes Incorporated APS39903 Datasheet HTML 8Page - Diodes Incorporated APS39903 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
APS39903
Document number: DS37226 Rev. 2 - 2
2 of 17
www.diodes.com
October 2014
© Diodes Incorporated
APS39903
A Product Line of
Diodes Incorporated
Typical Applications Circuit
+
C1
FR1
+
C2
L1
TR1
D1
+
FB
R13
C
VCC
R2
R14
APS39903
CPC
GND
C6
R3
R4
5V/1A
C3
D4~D7
L2
R12
C7
D2
+
C4
D3
C5
R11
CS
R1
R10
7
1
4
2
5, 6
3
Pin Descriptions
Pin Number
Pin Name
Function
1
CPC
A capacitor is connected to this pin to form a low pass filter for cable voltage drop
compensation, audio noise suppression and detecting the patterns of load current to
change the output voltage and current
2
FB
The CV and CC regulation are realized base on the voltage sampling of this pin
3
VCC
VCC supply pin for the switcher. A capacitor with low ESR should be placed as close
as possible to this pin
4
CS
Current senses pin of IC. The CS pin will turn off the power transistor when the CS
pin voltage reaches turn off threshold.
5, 6
C
This pin is connected with an internal power BJT
’s collector
7
GND
The ground of the switcher


Similar Part No. - APS39903

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
APS3008S-R PUI-APS3008S-R Datasheet
259Kb / 1P
   RELEASED FROM ENGINEERING
logo
Kingbright Corporation
APS3227SP1C-P22 KINGBRIGHT-APS3227SP1C-P22 Datasheet
241Kb / 3P
   Ambient Light Photo Sensor
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602S29P8 ANADIGICS-APS3602S29P8 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
More results

Similar Description - APS39903

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3790 DIODES-AP3790 Datasheet
591Kb / 17P
   PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
Maxic Technology Corpor...
MT7943 MAXIC-MT7943 Datasheet
156Kb / 1P
   High Precision, Dual Winding PSR AC-DC LED Driver
MT7944D MAXIC-MT7944D Datasheet
154Kb / 1P
   High Precision, Dual Winding PSR AC-DC LED Driver
logo
Unisonic Technologies
UPSL1630 UTC-UPSL1630 Datasheet
199Kb / 7P
   PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE
logo
Maxic Technology Corpor...
MT7941 MAXIC-MT7941 Datasheet
156Kb / 1P
   High Precision, Dual Winding PSR AC-DC LED Driver
MT7946 MAXIC-MT7946 Datasheet
154Kb / 1P
   High Precision, Dual Winding PSR AC-DC LED Driver
MT7942 MAXIC-MT7942 Datasheet
156Kb / 1P
   High Precision, Dual Winding PSR AC-DC LED Driver
logo
List of Unclassifed Man...
FT8260 ETC2-FT8260 Datasheet
444Kb / 16P
   PSR Single-Stage AC-DC LED Driver with High PF
logo
Unisonic Technologies
UPSD1630 UTC-UPSD1630 Datasheet
198Kb / 6P
   PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com