Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23848-N15-C56 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # V23848-N15-C56
Description  iSFP-Intelligent Small Form-factor Pluggable SONET OC-48 SR-1 / SDH STM I-16 Multirate Applications up to 2.67 Gbit/s
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23848-N15-C56 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button V23848-N15-C56 Datasheet HTML 2Page - Infineon Technologies AG V23848-N15-C56 Datasheet HTML 3Page - Infineon Technologies AG V23848-N15-C56 Datasheet HTML 4Page - Infineon Technologies AG V23848-N15-C56 Datasheet HTML 5Page - Infineon Technologies AG V23848-N15-C56 Datasheet HTML 6Page - Infineon Technologies AG V23848-N15-C56 Datasheet HTML 7Page - Infineon Technologies AG V23848-N15-C56 Datasheet HTML 8Page - Infineon Technologies AG V23848-N15-C56 Datasheet HTML 9Page - Infineon Technologies AG V23848-N15-C56 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
V23848-N15-C56
V23848-N15-C456
Description
Preliminary Product Information
6
2004-06-22
The transceiver contains a supervisory circuit to control the power supply. This circuit
makes an internal reset signal whenever the supply voltage drops below the reset
threshold. It keeps the reset signal active for at least 140 milliseconds after the voltage
has risen above the reset threshold. During this time the laser is inactive.
A low signal on TxDis enables transmitter. If TxDis is high or not connected the
transmitter is disabled.
An enhanced Digital Diagnostic Monitoring Interface (Intelligent) has been incorporated
into the Infineon Small Form-factor Pluggable (SFP) transceiver. This allows real time
access to transceiver operating parameters, based on the SFF-8472.
This transceiver features Internal Calibration. Measurements are calibrated over
operating temperature and voltage and must be interpreted as defined in SFF-8472.
The transceiver generates this diagnostic data by digitization of internal analog signals
monitored by a new diagnostic Integrated Circuit (IC).
This diagnostic IC has inbuilt sensors to include alarm and warning thresholds. These
threshold values are set during device manufacture and therefore allow the user to
determine when a particular value is outside of its operating range.
Alarm and Warning Flags are given. Alarm Flags indicate conditions likely to be
associated with an inoperational link and cause for immediate action. Warning Flags
indicate conditions outside the normally guaranteed bounds but not necessarily causes
of immediate link failures.
These enhanced features are in addition to the existing SFP features provided by the
manufacturer i.e. serial number and other vendor specific data.
The serial ID interface defines a 256 byte memory map in EEPROM, accessible over a
2 wire, serial interface at the 8 bit address 1010000X (A0h).
The Digital Diagnostic Monitoring Interface makes use of the 8 bit address 1010001X
(A2h), so the originally defined serial ID memory map remains unchanged and is
therefore backward compatible.
Digital Diagnostic Monitoring Parameters
Parameter
Accuracy SFF-8472
Accuracy Actual
Tx Optical Power
±3 dB
±3 dB
Rx Optical Power
±3 dB
±3 dB
Bias Current
±10%
±10%
Power Supply Voltage
±3%
±3%
Transceiver Temperature
±3°C
±3°C


Similar Part No. - V23848-N15-C56

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23848-N15-C656 INFINEON-V23848-N15-C656 Datasheet
691Kb / 27P
   iSFP??- Intelligent Small Form-factor Pluggable SONET OC-48 IR-1 / SDH STM S-16.1 Multirate Applications up to 2.67 Gbit/s
2004-06-22
More results

Similar Description - V23848-N15-C56

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23848-N15-C656 INFINEON-V23848-N15-C656 Datasheet
691Kb / 27P
   iSFP??- Intelligent Small Form-factor Pluggable SONET OC-48 IR-1 / SDH STM S-16.1 Multirate Applications up to 2.67 Gbit/s
2004-06-22
V23848-C18-C56 INFINEON-V23848-C18-C56 Datasheet
752Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-3 IR-1 / SDH STM S-1.1 Multirate Applications up to 155 Mbit/s
2004-06-25
V23848-H18-C56 INFINEON-V23848-H18-C56 Datasheet
752Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-12/OC-3 IR-1 / SDH STM S-4.1/S-1.1 Multirate Applications up to 622 Mbit/s
2004-06-25
logo
Finisar Corporation.
FTRJ1321P1WTL FINISAR-FTRJ1321P1WTL Datasheet
673Kb / 11P
   OC-48 SR/STM I-16 Multirate Pluggable SFP Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1321S1GTL FINISAR-FTRJ1321S1GTL Datasheet
499Kb / 10P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTLF1321S1GTL FINISAR-FTLF1321S1GTL Datasheet
252Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com