Electronic Components Datasheet Search |
|
DESD5V0S1BLD Datasheet(PDF) 1 Page - Diodes Incorporated |
|
DESD5V0S1BLD Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 4 page DESD5V0S1BLD Document number: DS35650 Rev. 4 - 2 1 of 4 www.diodes.com March 2012 © Diodes Incorporated DESD5V0S1BLD LOW CAPACITANCE BIDIRECTIONAL TVS DIODE Features • Provides ESD Protection per IEC 61000-4-2 Standard: Air ±30kV, Contact ±30kV • Ultra Low Profile (0.4mm), Ideal for Thin Portable Electronics • 1 Channel of ESD Protection • High Peak Pulse Current per IEC 61000-4-5 Standard • Low Channel Input Capacitance • Typically Used in Cellular Handsets, Portable Electronics, Communication Systems, Computers and Peripherals • Lead Free/RoHS Compliant (Note 1) • Halogen and Antimony Free "Green" Device (Notes 2 & 3) Mechanical Data • Case: X2-DFN1006-2 • Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020 • Terminals: NiPdAu over Copper leadframe. Solderable per MIL- STD-202, Method 208 • Weight: 0.001 grams (approximate) Ordering Information (Note 4) Part Number Case Packaging DESD5V0S1BLD-7B X2-DFN1006-2 10,000/Tape & Reel Notes: 1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead. 2. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com. 4. For packaging details, go to our website at http://www.diodes.com. Marking Information Device Schematic Bottom View R8 = Product Type Marking Code Line Denotes Pin 1 X2-DFN1006-2 Pin 2 Pin 1 |
Similar Part No. - DESD5V0S1BLD |
|
Similar Description - DESD5V0S1BLD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |