Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23848-N15-C656 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # V23848-N15-C656
Description  iSFP??- Intelligent Small Form-factor Pluggable SONET OC-48 IR-1 / SDH STM S-16.1 Multirate Applications up to 2.67 Gbit/s
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23848-N15-C656 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button V23848-N15-C656 Datasheet HTML 7Page - Infineon Technologies AG V23848-N15-C656 Datasheet HTML 8Page - Infineon Technologies AG V23848-N15-C656 Datasheet HTML 9Page - Infineon Technologies AG V23848-N15-C656 Datasheet HTML 10Page - Infineon Technologies AG V23848-N15-C656 Datasheet HTML 11Page - Infineon Technologies AG V23848-N15-C656 Datasheet HTML 12Page - Infineon Technologies AG V23848-N15-C656 Datasheet HTML 13Page - Infineon Technologies AG V23848-N15-C656 Datasheet HTML 14Page - Infineon Technologies AG V23848-N15-C656 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
V23848-N15-C656
Technical Data
Preliminary Product Information
11
2004-06-22
Figure 3
3)
The transceiver is specified to meet the SONET/SDH Jitter performance as outlined in ITU-T G.958 and
Telcordia GR-253. Jitter Generation is defined as the amount of jitter that is generated by the transceiver. The
Jitter Generation specifications are referenced to the optical OC-48 signals. If no or minimum jitter is applied
to the electrical inputs of the transmitter, then Jitter Generation can simply be defined as the amount of jitter
on the Tx optical output. The SONET specifications for Jitter Generation are 0.01 UI rms, maximum and
0.1 UI pk-pk, maximum. Both are measured with a 12 kHz - 20 MHz filter in line. A UI is a Unit Interval, which
is equivalent to one bit slot.
4)
Values are 20%- 80%, unfiltered and measured at nominal data rate.
5)
Receiver characteristics are measured with a worst case reference laser.
6)
Measured with 8.2 dB extinction ratio and a 2
23–1 NRZ PRBS as recommended by ANSI T1E1.2, SONET
OC-48, and ITU-T G.957 I-16.
7)
Minimum average optical power at which the BER is less than 1x10
–10.
8)
See Figure 3.
9)
SONET OC-48 and ITU-T G.957 I-16 standards.
Received Optical
Power Level
[dBm]
LOS Assert
(Minimum)
Hysteresis
(Minimum)
LOS / Hysteresis
(Typical)
LOS Deassert
(Maximum)
LOS Level
0
1
File: 1522


Similar Part No. - V23848-N15-C656

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23848-N15-C456 INFINEON-V23848-N15-C456 Datasheet
753Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-48 SR-1 / SDH STM I-16 Multirate Applications up to 2.67 Gbit/s
2004-06-22
V23848-N15-C56 INFINEON-V23848-N15-C56 Datasheet
753Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-48 SR-1 / SDH STM I-16 Multirate Applications up to 2.67 Gbit/s
2004-06-22
More results

Similar Description - V23848-N15-C656

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23848-N15-C56 INFINEON-V23848-N15-C56 Datasheet
753Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-48 SR-1 / SDH STM I-16 Multirate Applications up to 2.67 Gbit/s
2004-06-22
V23848-C18-C56 INFINEON-V23848-C18-C56 Datasheet
752Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-3 IR-1 / SDH STM S-1.1 Multirate Applications up to 155 Mbit/s
2004-06-25
V23848-H18-C56 INFINEON-V23848-H18-C56 Datasheet
752Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-12/OC-3 IR-1 / SDH STM S-4.1/S-1.1 Multirate Applications up to 622 Mbit/s
2004-06-25
logo
Finisar Corporation.
FTRJ1421P1WNL FINISAR-FTRJ1421P1WNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1WCL FINISAR-FTRJ1421P1WCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421SG FINISAR-FTRJ1421SG Datasheet
498Kb / 10P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1GCL FINISAR-FTLF1421S1GCL Datasheet
213Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421P1WTL FINISAR-FTLF1421P1WTL Datasheet
722Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1CL FINISAR-FTLF1421P1CL Datasheet
740Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com