Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT1446-04TS-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DT1446-04TS-7
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DT1446-04TS-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DT1446-04TS-7 Datasheet HTML 1Page - Diodes Incorporated DT1446-04TS-7 Datasheet HTML 2Page - Diodes Incorporated DT1446-04TS-7 Datasheet HTML 3Page - Diodes Incorporated DT1446-04TS-7 Datasheet HTML 4Page - Diodes Incorporated DT1446-04TS-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DT1446-04TS
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
TSOT26
Dim
Min
Max Typ
A
1.00
A1
0.01
0.10
A2
0.84
0.90
D
2.90
E
2.80
E1
1.60
b
0.30
0.45
c
0.12
0.20
e
0.95
e1
1.90
L
0.30
0.50
L2
0.25
θ
θ1
12°
All Dimensions in mm
Dimensions Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
c
A1
L
E1
E
A2
D
e1
e
6x b
θ
4x 1
θ
L2
A
Y1
C
C
X (6x)
Y (6x)
DT1446-04TS
Document number: DS37408 Rev. 2 – 2
4 of 5
www.diodes.com
July 2014
© Diodes Incorporated


Similar Part No. - DT1446-04TS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DT1446-04S DIODES-DT1446-04S Datasheet
231Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1446-04S-7 DIODES-DT1446-04S-7 Datasheet
231Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1446-04SO DIODES-DT1446-04SO Datasheet
226Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1446-04SO-7 DIODES-DT1446-04SO-7 Datasheet
226Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1446-04V DIODES-DT1446-04V Datasheet
234Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - DT1446-04TS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3F4U6S DIODES-D3V3F4U6S Datasheet
179Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1140-04LP DIODES-DT1140-04LP Datasheet
262Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04SO DIODES-D1213A-04SO Datasheet
123Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U10LP DIODES-D3V3F4U10LP Datasheet
404Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04TS-7 DIODES-D1213A-04TS-7 Datasheet
147Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U10LPQ DIODES-D3V3F4U10LPQ Datasheet
416Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2021 Rev. 1 - 2
D3V3XS4B10LP DIODES-D3V3XS4B10LP Datasheet
360Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2018 Rev. 1 - 2
D1213A-04S-7 DIODES-D1213A-04S-7 Datasheet
140Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U4S DIODES-DRTR5V0U4S Datasheet
126Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U4SL DIODES-DRTR5V0U4SL Datasheet
194Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1240-04LP DIODES-DT1240-04LP Datasheet
238Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com