Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32GG290F512-BGA112 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # EFM32GG290F512-BGA112
Description  Memory Protection Unit
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG290F512-BGA112 Datasheet(HTML) 5 Page - Silicon Laboratories

  EFM32GG290F512-BGA112 Datasheet HTML 1Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 2Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 3Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 4Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 5Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 6Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 7Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 8Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
...the world's most energy friendly microcontrollers
2014-05-23 - EFM32GG290FXX - d0037_Rev1.30
5
www.silabs.com
that case TFT Direct Drive can transfer data from either on-chip memory or from an external memory
device to the TFT at low CPU load. Automatic alpha-blending and masking is also supported for transfers
through the EBI interface.
2.1.12 Inter-Integrated Circuit Interface (I2C)
The I
2C module provides an interface between the MCU and a serial I2C-bus. It is capable of acting as
both a master and a slave, and supports multi-master buses. Both standard-mode, fast-mode and fast-
mode plus speeds are supported, allowing transmission rates all the way from 10 kbit/s up to 1 Mbit/s.
Slave arbitration and timeouts are also provided to allow implementation of an SMBus compliant system.
The interface provided to software by the I
2C module, allows both fine-grained control of the transmission
process and close to automatic transfers. Automatic recognition of slave addresses is provided in all
energy modes.
2.1.13 Universal Synchronous/Asynchronous Receiver/Transmitter (US-
ART)
The Universal Synchronous Asynchronous serial Receiver and Transmitter (USART) is a very flexible
serial I/O module. It supports full duplex asynchronous UART communication as well as RS-485, SPI,
MicroWire and 3-wire. It can also interface with ISO7816 SmartCards, IrDA and I2S devices.
2.1.14 Pre-Programmed UART Bootloader
The bootloader presented in application note AN0003 is pre-programmed in the device at factory. Auto-
baud and destructive write are supported. The autobaud feature, interface and commands are described
further in the application note.
2.1.15 Universal Asynchronous Receiver/Transmitter (UART)
The Universal Asynchronous serial Receiver and Transmitter (UART) is a very flexible serial I/O module.
It supports full- and half-duplex asynchronous UART communication.
2.1.16 Low Energy Universal Asynchronous Receiver/Transmitter
(LEUART)
The unique LEUART
TM, the Low Energy UART, is a UART that allows two-way UART communication on
a strict power budget. Only a 32.768 kHz clock is needed to allow UART communication up to 9600 baud/
s. The LEUART includes all necessary hardware support to make asynchronous serial communication
possible with minimum of software intervention and energy consumption.
2.1.17 Timer/Counter (TIMER)
The 16-bit general purpose Timer has 3 compare/capture channels for input capture and compare/Pulse-
Width Modulation (PWM) output. TIMER0 also includes a Dead-Time Insertion module suitable for motor
control applications.
2.1.18 Real Time Counter (RTC)
The Real Time Counter (RTC) contains a 24-bit counter and is clocked either by a 32.768 kHz crystal
oscillator, or a 32.768 kHz RC oscillator. In addition to energy modes EM0 and EM1, the RTC is also
available in EM2. This makes it ideal for keeping track of time since the RTC is enabled in EM2 where
most of the device is powered down.
2.1.19 Backup Real Time Counter (BURTC)
The Backup Real Time Counter (BURTC) contains a 32-bit counter and is clocked either by a 32.768 kHz
crystal oscillator, a 32.768 kHz RC oscillator or a 1 kHz ULFRCO. The BURTC is available in all Energy
Modes and it can also run in backup mode, making it operational even if the main power should drain out.


Similar Part No. - EFM32GG290F512-BGA112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32GG290F512-BGA112 ETC2-EFM32GG290F512-BGA112 Datasheet
3Mb / 70P
   EFM32GG290 DATASHEET
More results

Similar Description - EFM32GG290F512-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG290 SILABS-EFM32LG290 Datasheet
2Mb / 82P
   Memory Protection Unit
EFM32G800 SILABS-EFM32G800 Datasheet
410Kb / 22P
   Memory Protection Unit
EFM32GG280 SILABS-EFM32GG280 Datasheet
2Mb / 78P
   Memory Protection Unit
EFM32LG900 SILABS-EFM32LG900 Datasheet
477Kb / 27P
   Memory Protection Unit
EFM32GG230 SILABS-EFM32GG230 Datasheet
1Mb / 70P
   Memory Protection Unit
EFM32GG900 SILABS-EFM32GG900 Datasheet
485Kb / 27P
   Memory Protection Unit
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
List of Unclassifed Man...
BH32T-C ETC1-BH32T-C Datasheet
59Kb / 1P
   MEMORY PROTECTION DEVICES
logo
Silicon Laboratories
EFM32LG330 SILABS-EFM32LG330 Datasheet
1Mb / 66P
   High Performance 32-bit processor up to 48 MHz memory Protection Unit
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
   32-Bit Paged Memory Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com