Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32GG290F512-BGA112 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # EFM32GG290F512-BGA112
Description  Memory Protection Unit
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG290F512-BGA112 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button EFM32GG290F512-BGA112 Datasheet HTML 4Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 5Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 6Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 7Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 8Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 9Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 10Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 11Page - Silicon Laboratories EFM32GG290F512-BGA112 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
...the world's most energy friendly microcontrollers
2014-05-23 - EFM32GG290FXX - d0037_Rev1.30
8
www.silabs.com
Module
Configuration
Pin Connections
EBI_CSTFT, EBI_DCLK, EBI_DTEN,
EBI_HSNC, EBI_NANDREn,
EBI_NANDWEn, EBI_REn, EBI_VSNC,
EBI_WEn
I2C0
Full configuration
I2C0_SDA, I2C0_SCL
I2C1
Full configuration
I2C1_SDA, I2C1_SCL
USART0
Full configuration with IrDA
US0_TX, US0_RX. US0_CLK, US0_CS
USART1
Full configuration with I2S
US1_TX, US1_RX, US1_CLK, US1_CS
USART2
Full configuration with I2S
US2_TX, US2_RX, US2_CLK, US2_CS
UART0
Full configuration
U0_TX, U0_RX
UART1
Full configuration
U1_TX, U1_RX
LEUART0
Full configuration
LEU0_TX, LEU0_RX
LEUART1
Full configuration
LEU1_TX, LEU1_RX
TIMER0
Full configuration with DTI
TIM0_CC[2:0], TIM0_CDTI[2:0]
TIMER1
Full configuration
TIM1_CC[2:0]
TIMER2
Full configuration
TIM2_CC[2:0]
TIMER3
Full configuration
TIM3_CC[2:0]
RTC
Full configuration
NA
BURTC
Full configuration
NA
LETIMER0
Full configuration
LET0_O[1:0]
PCNT0
Full configuration, 16-bit count register
PCNT0_S[1:0]
PCNT1
Full configuration, 8-bit count register
PCNT1_S[1:0]
PCNT2
Full configuration, 8-bit count register
PCNT2_S[1:0]
ACMP0
Full configuration
ACMP0_CH[7:0], ACMP0_O
ACMP1
Full configuration
ACMP1_CH[7:0], ACMP1_O
VCMP
Full configuration
NA
ADC0
Full configuration
ADC0_CH[7:0]
DAC0
Full configuration
DAC0_OUT[1:0], DAC0_OUTxALT
OPAMP
Full configuration
Outputs: OPAMP_OUTx,
OPAMP_OUTxALT, Inputs:
OPAMP_Px, OPAMP_Nx
AES
Full configuration
NA
GPIO
90 pins
Available pins are shown in
Table 4.3 (p. 62)
2.3 Memory Map
The EFM32GG290 memory map is shown in Figure 2.2 (p. 9) , with RAM and Flash sizes for the
largest memory configuration.


Similar Part No. - EFM32GG290F512-BGA112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32GG290F512-BGA112 ETC2-EFM32GG290F512-BGA112 Datasheet
3Mb / 70P
   EFM32GG290 DATASHEET
More results

Similar Description - EFM32GG290F512-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG290 SILABS-EFM32LG290 Datasheet
2Mb / 82P
   Memory Protection Unit
EFM32G800 SILABS-EFM32G800 Datasheet
410Kb / 22P
   Memory Protection Unit
EFM32GG280 SILABS-EFM32GG280 Datasheet
2Mb / 78P
   Memory Protection Unit
EFM32LG900 SILABS-EFM32LG900 Datasheet
477Kb / 27P
   Memory Protection Unit
EFM32GG230 SILABS-EFM32GG230 Datasheet
1Mb / 70P
   Memory Protection Unit
EFM32GG900 SILABS-EFM32GG900 Datasheet
485Kb / 27P
   Memory Protection Unit
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
List of Unclassifed Man...
BH32T-C ETC1-BH32T-C Datasheet
59Kb / 1P
   MEMORY PROTECTION DEVICES
logo
Silicon Laboratories
EFM32LG330 SILABS-EFM32LG330 Datasheet
1Mb / 66P
   High Performance 32-bit processor up to 48 MHz memory Protection Unit
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
   32-Bit Paged Memory Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com